Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLC01-200H Datasheet(PDF) 10 Page - STMicroelectronics

Part # FLC01-200H
Description  Fire lighter circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC01-200H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button FLC01-200H Datasheet HTML 3Page - STMicroelectronics FLC01-200H Datasheet HTML 4Page - STMicroelectronics FLC01-200H Datasheet HTML 5Page - STMicroelectronics FLC01-200H Datasheet HTML 6Page - STMicroelectronics FLC01-200H Datasheet HTML 7Page - STMicroelectronics FLC01-200H Datasheet HTML 8Page - STMicroelectronics FLC01-200H Datasheet HTML 9Page - STMicroelectronics FLC01-200H Datasheet HTML 10Page - STMicroelectronics FLC01-200H Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
FLC01
10/11
DocID3616 Rev 7
3
Ordering information
Figure 12. Order information scheme
4
Revision history
Table 8. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
FLC01-200H
FLC01-200H
IPAK
0.4 g
75
Tube
FLC01-200B
FLC01-200B
DPAK
0.3 g
75
Tube
FLC01-200B-TR
FLC01-200B
DPAK
0.3 g
2500
Tape and reel
FLC 01 - 200 x (-TR)
Fire Lighter Circuit
Circuit number
Stand-off voltage
Package
Packing mode
01 = thyristor + diode + zener + resistance
200 = 200 V
H = IPAK
B = DPAK
-TR = Tape & reel
Blanck = Tube
(pin 3 not connected)
Table 9. Document revision history
Date
Revision
Changes
April-2002
6C
First issue.
27-May-2014
7
Updated DPAK and IPAK package information and reformatted to
current standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com