Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLLB Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SLLB
Description  Lever and Push Operation Type Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SLLB Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SLLB_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SLLB_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SLLB_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SLLB_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
457
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
10mA 5V DC/50μA 3V DC
Output voltage
1V max. at 1mA 5V DC(Resistive load)
Operating force
Lever portion
0.65±0.3N
Push portion
2±1N
Travel(Push operation)
Refer to the dimensions.
Operating life
Without load
100,000 cycles
With load
100,000 cycles(10mA 5V DC)
Lever and Push Operation Type Switch
SLLB
Compact and low-profile horizontal type for various applications
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
1,350
2,700
5,400
24
428×413×172
Product Line
Product No.
Actuator
configuration
Push-on
switch
Actuator
color
Location lug
Minimum order unit(pcs.)
Japan
Export
SLLB120100
Standard type
Mounting knob
With
Black
With
1,350
5,400
SLLB120200
Standard type
Mounting knob
integrated
Gray
SLLB120300
Black
Refer to P.461 for soldering conditions.


Similar Part No. - SLLB_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SLLB510100 ALPS-SLLB510100 Datasheet
204Kb / 4P
Lever and Push Operation Type Switch
SLLB510100 ALPS-SLLB510100 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
logo
List of Unclassifed Man...
SLLB510100 ETC-SLLB510100 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
SLLB510200 ALPS-SLLB510200 Datasheet
204Kb / 4P
Lever and Push Operation Type Switch
SLLB510200 ALPS-SLLB510200 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
More results

Similar Description - SLLB_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SLLB ALPS-SLLB Datasheet
208Kb / 4P
Lever and Push Operation Type Switch
SLLB5 ALPS-SLLB5 Datasheet
204Kb / 4P
Lever and Push Operation Type Switch
SRBE ALPS-SRBE Datasheet
245Kb / 4P
Encoder and Push Operation Type Switch
SSAF ALPS-SSAF Datasheet
259Kb / 4P
Slide Operation Type Stick Switch with 8-contact and Center-push Function
logo
Yamaichi Electronics Co...
FMS006Z-2000-0 YAMAICHI-FMS006Z-2000-0 Datasheet
128Kb / 1P
SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
FMS006Z-2100-0 YAMAICHI-FMS006Z-2100-0 Datasheet
160Kb / 1P
SIM Card Reader (Push / Push, Reversed Type w. and w/o Switch)
logo
Panasonic Semiconductor
EVQWK PANASONIC-EVQWK Datasheet
93Kb / 2P
Edge Drive Jog Encoders Tactile rotary operation and push operation
logo
ALPS ELECTRIC CO.,LTD.
SLLB5 ALPS-SLLB5_15 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
SRBE ALPS-SRBE_15 Datasheet
828Kb / 4P
Encoder and Push Operation Type Switch
logo
SHINMEI ELECTRIC CO., L...
MLS-29AU SHINMEI-MLS-29AU Datasheet
174Kb / 5P
Detector Switch ( Lever Type )
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com