Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DS3HTR Datasheet(PDF) 54 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 50Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 51Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 52Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 53Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 54Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 55Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 56Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 57Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 104 page
background image
Register description
LSM6DS3H
54/104
DocID028370 Rev 4
9.10
INT2_CTRL (0Eh)
INT2 pad control register (r/w).
Each bit in this register enables a signal to be carried through INT2. The pad’s output will
supply the OR combination of the selected signals.
Table 42. INT2_CTRL register
Table 43. INT2_CTRL register description
9.11
WHO_AM_I (0Fh)
Who_AM_I register (r). This register is a read-only register. Its value is fixed at 69h.
9.12
CTRL1_XL (10h)
Linear acceleration sensor control register 1 (r/w).
Table 45. CTRL1_XL register
INT2_STEP
_DELTA
INT2_STEP_
COUNT_OV
INT2_
FULL_FLAG
INT2_
FIFO_OVR
INT2_
FTH
INT2_
DRDY
_TEMP
INT2_
DRDY_G
INT2_
DRDY_XL
INT2_STEP_DELTA
Pedometer step recognition interrupt on delta time(1) enable on INT2 pad.
Default value: 0
(0: disabled; 1: enabled)
1. Delta time value is defined in register STEP_COUNT_DELTA (15h).
INT2_STEP_COUNT
_OV
Step counter overflow interrupt enable on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_ FULL_FLAG
FIFO full flag interrupt enable on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_FIFO_OVR
FIFO overrun interrupt on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_FTH
FIFO threshold interrupt on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_DRDY_TEMP
Temperature Data Ready in INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_DRDY_G
Gyroscope Data Ready on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_DRDY_XL
Accelerometer Data Ready on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
Table 44. WHO_AM_I register
01101001
ODR_XL3 ODR_XL2 ODR_XL1 ODR_XL0
FS_XL1
FS_XL0
BW_XL1
BW_XL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com