Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO1541D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1541D
Description  Low-Power Bidirectional I2C Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1541D Datasheet(HTML) 2 Page - Texas Instruments

  ISO1541D Datasheet HTML 1Page - Texas Instruments ISO1541D Datasheet HTML 2Page - Texas Instruments ISO1541D Datasheet HTML 3Page - Texas Instruments ISO1541D Datasheet HTML 4Page - Texas Instruments ISO1541D Datasheet HTML 5Page - Texas Instruments ISO1541D Datasheet HTML 6Page - Texas Instruments ISO1541D Datasheet HTML 7Page - Texas Instruments ISO1541D Datasheet HTML 8Page - Texas Instruments ISO1541D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
ISO1540, ISO1541
SLLSEB6C – JULY 2012 – REVISED JUNE 2015
www.ti.com
Table of Contents
9.2
Functional Block Diagrams ..................................... 12
1
Features .................................................................. 1
9.3
Feature Description................................................. 14
2
Applications ........................................................... 1
9.4
Device Functional Modes........................................ 16
3
Description ............................................................. 1
10
Application and Implementation........................ 17
4
Revision History..................................................... 2
10.1
Application Information.......................................... 17
5
Device Comparison Table..................................... 3
10.2
Typical Application ................................................ 20
6
Pin Configuration and Functions ......................... 3
11
Power Supply Recommendations ..................... 22
7
Specifications......................................................... 3
12
Layout................................................................... 23
7.1
Absolute Maximum Ratings ...................................... 3
12.1
Layout Guidelines ................................................. 23
7.2
ESD Ratings.............................................................. 4
12.2
Layout Example .................................................... 23
7.3
Recommended Operating Conditions ....................... 4
13
Device and Documentation Support ................. 24
7.4
Thermal Information .................................................. 4
13.1
Documentation Support ........................................ 24
7.5
Electrical Characteristics........................................... 5
13.2
Related Links ........................................................ 24
7.6
Timing Requirements ................................................ 6
13.3
Community Resources.......................................... 24
7.7
Switching Characteristics .......................................... 6
13.4
Trademarks ........................................................... 24
7.8
Typical Characteristics .............................................. 7
13.5
Electrostatic Discharge Caution ............................ 24
8
Parameter Measurement Information ................ 10
13.6
Glossary ................................................................ 24
9
Detailed Description ............................................ 12
14
Mechanical, Packaging, and Orderable
9.1
Overview ................................................................. 12
Information ........................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (May 2013) to Revision C
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
•
VDE Standard changed to DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12 .................................................................... 1
Changes from Revision A (October 2012) to Revision B
Page
•
Change Safety Feature From: (VDE 0884 Part 2) (Pending) To: (VDE 0884 Part 2) (Approved)......................................... 1
•
Changed, VDE column From: File number: 40016131 (pending) To: File number: 40016131............................................ 16
Changes from Original (July 2012) to Revision A
Page
•
Changed From: CSA Component Acceptance Notice 5A (Pending) To: CSA Component Acceptance Notice 5A
(Approved) .............................................................................................................................................................................. 1
•
Changed From: IEC 60950-1 and IEC 61010-1 End Equipment Standards (Pending) To: IEC 60950-1 and IEC
61010-1 End Equipment Standards (Approved)..................................................................................................................... 1
•
Changed Regulatory Information, CSA column From: File number: 220991 (pending) To: File number: 220991 .............. 16
2
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com