Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPPB2A0101 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPB2A0101
Description  General-purpose Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPB2A0101 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPPB2A0101 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPB2A0101 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPB2A0101 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPB2A0101 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPPB2A0101 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SPPB2A0101 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SPPB2A0101 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SPPB2A0101 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
34
34
A wide variety of detector switches available for
various digital AV devices
General-purpose Type
SPPB
Product Line
Poles
1
1
Positions
Horizontal
Horizontal
Horizontal
Horizontal
Vertical
Vertical
Vertical
Operating
direction
1
2
7
8
3
4
5
6
9
13
14
10
15
16
11
12
17
18
Drawing No.
Terminal type
For Lead
For PC board
(Dip)
For PC board
(Reflow)
Packaging style
Bulk
Taping
Minimumorder unit(pcs)
Export
Japan
10,000
100
5,000
200
10,000
100
20,000
5,000
6,000
1,500
2,400
600
5,200
1,300
Operating
part shape
Push
Actuator A
Actuator A
Actuator C
Push
Push
Product No.
SPPB110300
SPPB120200
SPPB310400
SPPB320100
SPPB1A0100
SPPB1A0101
SPPB2A0100
SPPB2A0101
SPPB512300
SPPB610400
SPPB620300
SPPB5A0100
SPPB6A0100
SPPB6A0400
SPPB530701
SPPB530601
SPPB630101
SPPB640201
Refer to P.71 for soldering conditions.
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 30V DC / 50BA 3V DC
Contact resistance
(Initial / After operating life)
1Ω max. / 2Ω max.
Operating force
0.35N max.
Operating life
Without load
50,000cycles
With load
50,000cycles(0.1A 30V DC)
Unit:mm
Reel size
Packing Specifications
Taping
Product No.
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case /Japan 1 case /export packing
SPPB530701
1,500
3,000
6,000
24
406×406×160
SPPB530601
600
1,200
2,400
SPPB630101
SPPB640201
1,300
2,600
5,200
Bulk
Product No.
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan 1 case /export packing
SPPB512300
4,000
20,000
400×270×290
SPPB1A0100, SPPB1A0101, SPPB2A0100,
SPPB2A0101, SPPB5A0100, SPPB6A0100,
SPPB6A0400
1,000
5,000
SPPB310400, SPPB320100, SPPB610400,
SPPB620300, SPPB110300, SPPB120200
2,000
10,000


Similar Part No. - SPPB2A0101

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPB2A0101 ALPS-SPPB2A0101 Datasheet
750Kb / 8P
General-purpose Type
More results

Similar Description - SPPB2A0101

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N135 SHARP-6N135 Datasheet
72Kb / 5P
General Purpose Type Photocoupler
logo
Lite-On Technology Corp...
LTV-4N28 LITEON-LTV-4N28 Datasheet
757Kb / 5P
GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
Sharp Corporation
PC4N35V SHARP-PC4N35V Datasheet
148Kb / 4P
GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
ALPS ELECTRIC CO.,LTD.
SPPB ALPS-SPPB Datasheet
750Kb / 8P
General-purpose Type
logo
COSMO Electronics Corp...
KPC6N135 COSMO-KPC6N135_12 Datasheet
173Kb / 5P
General Purpose Type Photocoupler
KPC6N135H COSMO-KPC6N135H Datasheet
176Kb / 5P
General Purpose Type Photocoupler
KPC6N136H COSMO-KPC6N136H Datasheet
173Kb / 5P
General Purpose Type Photocoupler
KPC6N136S COSMO-KPC6N136S Datasheet
178Kb / 5P
General Purpose Type Photocoupler
KPC6N138H COSMO-KPC6N138H Datasheet
157Kb / 7P
General Purpose Type Photocoupler
KPC6N139H COSMO-KPC6N139H Datasheet
172Kb / 5P
General Purpose Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com