Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP5.0 Datasheet(PDF) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # 5KP5.0
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

5KP5.0 Datasheet(HTML) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

  5KP5.0 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. 5KP5.0 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. 5KP5.0 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. 5KP5.0 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES 5KP5.0 THUR 5KP110A
100
10
1.0
0.1
0.1ms
1.0ms
10ms
100ms
1.0ms
10ms
FIG. 1-PEAK PULSE POWER RATING CURVE
td,PULSE WIDTH,sec.
1.0
10
100
400
350
300
250
200
150
100
FIG.6-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
V(BR),BREAKDOWN VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
100
75
50
25
0
0
25
50
75
100
125
150
175
200
FIG. 2-PULSE DERATING CURVE
TA
, AMBIENT TEMPERATURE,( C)
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
TA=25 C
100,000
10,000
1,000
100
1
10
100
200
FIG. 4-TYPICAL JUNCTIONAL CAPACITANCE
MEASURED at
ZERO BIAS
f=1.0MHz
Vsig=50mVp-p
TJ=25 C
MEASURED at
ATAND-OFF
VOLTAGE,VWM
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
8
6
4
2
0
0
25
50
75
100
125
150
175
200
FIG.5-STEADY STATE POWER DERATING CURVE
TL,LEAD TEMPERATURE, C
60Hz RESISTIVE
OR INDUCTIVE LOAD
L=0.375” (9.5mm)
lLEAD LENGTHS
1.6 1.6 0.040”(40 40 1mm)
COPPER HEAT SINKS
150
100
50
0
0
1.0
2.0
3.0
4.0
FIG.3-PULSE WAVEFORM
t,TIME,ms
td
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IppM
tr=10msec
PEAK VALUE IppM
10/1000msec WAVEFORM
as DFINED by R.E.A.
HALF VALUE
IPPM
2
www.shunyegroup.com.cn



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com