Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7240CFDW Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFDW
Description  High-Speed, Quad-Channel Digital Isolators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CFDW Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO7240CFDW Datasheet HTML 20Page - Texas Instruments ISO7240CFDW Datasheet HTML 21Page - Texas Instruments ISO7240CFDW Datasheet HTML 22Page - Texas Instruments ISO7240CFDW Datasheet HTML 23Page - Texas Instruments ISO7240CFDW Datasheet HTML 24Page - Texas Instruments ISO7240CFDW Datasheet HTML 25Page - Texas Instruments ISO7240CFDW Datasheet HTML 26Page - Texas Instruments ISO7240CFDW Datasheet HTML 27Page - Texas Instruments ISO7240CFDW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M, ISO7242C, ISO7242M
SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
www.ti.com
9.3 Feature Description
ISO724x are available in multiple channel configurations and default output state options to enable wide variety
of application uses.
SIGNALING
INPUT
CHANNEL
PRODUCT
RATE
THRESHOLD
CONFIGURATION
ISO7240C
25 Mbps
~1.5 V (TTL)
ISO7240CF
25 Mbps
~1.5 V (TTL)
4/0
ISO7240M
150 Mbps
VCC/ 2 (CMOS)
ISO7241C
25 Mbps
~1.5 V (TTL)
3/1
ISO7241M
150 Mbps
VCC/ 2 (CMOS)
ISO7242C
25 Mbps
~1.5 V (TTL)
2/2
ISO7242M
150 Mbps
VCC/ 2 (CMOS)
9.3.1 DIN V VDE V 0884-10 (VDE V 0884-10):2006-1 Insulation Characteristics(1)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATIONS
UNIT
VIORM
Maximum working insulation voltage
560
VPK
After Input/Output Safety Test Subgroup 2/3
VPR = VIORM × 1.2, t = 10 s,
672
VPK
Partial discharge < 5 pC
Method a, VPR = VIORM × 1.6,
VPR
Input to output test voltage
Type and sample test with t = 10 s,
896
VPK
Partial discharge < 5 pC
Method b1, VPR = VIORM × 1.875,
100 % Production test with t = 1 s,
1050
VPK
Partial discharge < 5 pC
VIOTM
Maximum transient isolation voltage
t = 60 s
4000
VPK
RS
Insulation resistance
VIO = 500 V at TS = 150°C
Ω
>109
Pollution degree
2
(1)
Climatic Classification 40/125/21
Table 1. IEC 60664-1 Ratings Table
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
II
Rated mains voltage
≤150 VRMS
I-IV
Installation classification
Rated mains voltage
≤300 VRMS
I-III
9.3.2 Package Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum air gap
L(I01)
Shortest pin-to-pin distance through air
8
mm
(Clearance)(1)
Minimum external tracking
L(I02)
Shortest pin-to-pin distance across the package surface
8
mm
(Creepage)(1)
Tracking resistance
CTI
DIN EN 60112 (VDE 0303-11); IEC 60112
≥ 400
V
(comparative tracking index)
Minimum Internal Gap
Distance through the insulation
0.008
mm
(Internal Clearance)
Input to output, VIO = 500 V, all pins on each side of the
RIO
Isolation resistance
> 1012
Ω
barrier tied together creating a two-terminal device
CIO
Barrier capacitance Input to output
VI = 0.4 sin (4E6πt)
2
pF
(1)
Per JEDEC package dimensions
24
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com