Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB4041I Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB4041I Datasheet HTML 17Page - Texas Instruments TUSB4041I Datasheet HTML 18Page - Texas Instruments TUSB4041I Datasheet HTML 19Page - Texas Instruments TUSB4041I Datasheet HTML 20Page - Texas Instruments TUSB4041I Datasheet HTML 21Page - Texas Instruments TUSB4041I Datasheet HTML 22Page - Texas Instruments TUSB4041I Datasheet HTML 23Page - Texas Instruments TUSB4041I Datasheet HTML 24Page - Texas Instruments TUSB4041I Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
TUSB4041I
www.ti.com
SLLSEK3B – JULY 2015 – REVISED DECEMBER 2015
Table 13. Device Configuration Register 2 Field Descriptions (continued)
Bit
Field
Type
Reset
Description
Automatic mode enable(1)
This bit is loaded at the deassertion of reset with the value of the
AUTOENz/HS_SUSPEND pin.
The automatic mode only applies to downstream ports with battery charging
1
autoModeEnz
RW
X
enabled when the upstream port is not connected. Under these conditions:
0 = Automatic mode battery charging features are enabled.
1 = Automatic mode is disabled; only battery-charging DCP mode is
supported.
Reserved
0
RSVD
R
0
Read only, returns 0 when read.
(1)
When the upstream port is connected, battery charging 1.2 CDP mode will be supported on all ports that are enabled for battery
charging support regardless of the value of this bit, with the exception of port 1. CDP on port 1 is not supported when automatic mode is
enabled.
8.5.12 USB 2.0 Port Polarity Control Register
Offset = Bh
Figure 13. USB 2.0 Port Polarity Control Register
7
6
5
4
3
2
1
0
customPolarity
RSVD
p4_usb2pol
p3_usb2pol
p2_usb2pol
p1_usb2pol
p0_usb2pol
RW-0
R-0
R/RW-0
R/RW-0
R/RW-0
R/RW-0
R/RW-0
Table 14. USB 2.0 Port Polarity Control Register Field Descriptions
Bit
Field
Type
Reset
Description
Custom USB 2.0 polarity
This bit controls the ability to write the p[4:0]_usb2pol bits.
0 = The p[4:0]_usb2pol bits are read only, and the values are loaded from the
7
customPolarity
RW
0
OTP ROM.
1 = The p[4:0]_usb2pol bits are R/W and can be loaded by EEPROM or written
by SMBus from this register.
This bit may be written simultaneously with the p[4:0]_usb2pol bits
Reserved
6:5
RSVD
R
0
Read only, returns 0 when read
Downstream port 4 DM/DP polarity
This bit controls the polarity of the port.
0 = USB 2.0 port polarity is as shown in the pinout.
4
p4_usb2pol
R/RW
0
1 = USB 2.0 port polarity is swapped from that shown in the pinout (that is, DM
becomes DP, and DP becomes DM).
This bit is read only unless the customPolarity bit is set to 1. If customPolarity is 0, the
value of this bit reflects the value of the OTP ROM p4_usb2pol bit.
Downstream port 3 DM/DP polarity
This bit controls the polarity of the port.
0 = USB 2.0 port polarity is as shown in the pinout.
3
p3_usb2pol
R/RW
0
1 = USB 2.0 port polarity is swapped from that shown in the pinout (that is, DM
becomes DP, and DP becomes DM).
This bit is read only unless the customPolarity bit is set to 1. If customPolarity is 0, the
value of this bit reflects the value of the OTP ROM p3_usb2pol bit.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com