Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT02-236DDB Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPT02-236DDB
Description  Automation sensor transient and overvoltage protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPT02-236DDB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPT02-236DDB Datasheet HTML 4Page - STMicroelectronics SPT02-236DDB Datasheet HTML 5Page - STMicroelectronics SPT02-236DDB Datasheet HTML 6Page - STMicroelectronics SPT02-236DDB Datasheet HTML 7Page - STMicroelectronics SPT02-236DDB Datasheet HTML 8Page - STMicroelectronics SPT02-236DDB Datasheet HTML 9Page - STMicroelectronics SPT02-236DDB Datasheet HTML 10Page - STMicroelectronics SPT02-236DDB Datasheet HTML 11Page - STMicroelectronics SPT02-236DDB Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DocID024333 Rev2
9/12
SPT02-236DDB
Recommendation on PCB assembly
7
Recommendation on PCB assembly
7.1
Stencil opening design
1.
General recommendation on stencil opening design
a)
Stencil opening dimensions: L (Length), W (Width), T (Thickness).
Figure 10. Stencil opening dimensions
b)
General design rule
Stencil thickness (T) = 75 ~ 125 µm
2.
Reference design
a)
Stencil opening thickness: 100 µm
b)
Stencil opening for central exposed pad: Opening to footprint ratio is 50%.
c)
Stencil opening for leads: Opening to footprint ratio is 90%.
7.2
Solder paste
1.
Halide-free flux qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste is recommended.
3.
Offers a high tack force to resist component movement during high speed.
4.
Solder paste with fine particles: powder particle size is 20-45 µm.
L
T
W
Aspect Ratio
W
T
-----
1,5
≥
=
Aspect Area
LW
×
2T L
W
+
()
----------------------------
0,66
≥
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com