Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAP08DP05 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STAP08DP05
Description  Low voltage 8-bit constant current LED sink driver with output error detection for automotive applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP08DP05 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STAP08DP05 Datasheet HTML 18Page - STMicroelectronics STAP08DP05 Datasheet HTML 19Page - STMicroelectronics STAP08DP05 Datasheet HTML 20Page - STMicroelectronics STAP08DP05 Datasheet HTML 21Page - STMicroelectronics STAP08DP05 Datasheet HTML 22Page - STMicroelectronics STAP08DP05 Datasheet HTML 23Page - STMicroelectronics STAP08DP05 Datasheet HTML 24Page - STMicroelectronics STAP08DP05 Datasheet HTML 25Page - STMicroelectronics STAP08DP05 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Detection mode functionality
STAP08DP05
22/28
DocID024305 Rev 6
10.4
Error detection conditions
VDD = 3.3 to 5 V temperature range 25 °C.
Note:
Where: IO = the output current programmed by the REXT, IODEC = the detected output
current in detection mode.
Table 14. Detection conditions
Configuration
Detect mode
Detection results
SW-1 or SW-3b
Open line or output
short to GND detected
==> IODEC ≤ 0.5 x IO
No error
detected
==> IODEC ≥ 0.5 x IO
SW-2 or SW-3a
Short on LED or short
to V-LED detected
==> VO ≥ 2.5V
No error
detected
==> VO ≤ 2.2 V
Figure 20. Detection circuit
AM13662V1
STAP08DP05
V-LED
V-LED
SW-2
SW-3a
SW-3b
SW-1
OUT-0
12
4
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com