Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001IPNP Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 31 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 27Page - Texas Instruments XIO2001IPNP Datasheet HTML 28Page - Texas Instruments XIO2001IPNP Datasheet HTML 29Page - Texas Instruments XIO2001IPNP Datasheet HTML 30Page - Texas Instruments XIO2001IPNP Datasheet HTML 31Page - Texas Instruments XIO2001IPNP Datasheet HTML 32Page - Texas Instruments XIO2001IPNP Datasheet HTML 33Page - Texas Instruments XIO2001IPNP Datasheet HTML 34Page - Texas Instruments XIO2001IPNP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 141 page
background image
31
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.3.3.1 Classic PCI Arbiter
The classic PCI arbiter is configured through the classic PCI configuration space at offset DCh. Table 5 identifies
and describes the registers associated with classic PCI arbitration mode.
Table 5. Classic PCI Arbiter Registers
PCI OFFSET
REGISTER NAME
DESCRIPTION
Classic PCI configuration
register DCh
Arbiter control
(see Arbiter Control
Register)
Contains a two-tier priority scheme for the bridge and six PCI bus devices. The
bridge defaults to the high priority tier. The six PCI bus devices default to the low
priority tier. A bus parking control bit (bit 7, PARK) is provided.
Classic PCI configuration
register DDh
Arbiter request mask
(see Arbiter Request
Mask Register)
Six mask bits provide individual control to block each PCI Bus REQ input. Bit 7
(ARB_TIMEOUT) in the arbiter request mask register enables generating timeout
status if a PCI device does not respond within 16 PCI bus clocks. Bit 6
(AUTO_MASK) in the arbiter request mask register automatically masks a PCI bus
REQ if the device does not respond after GNT is issued. The AUTO_MASK bit is
cleared to disable any automatically generated mask.
Classic PCI configuration
register DEh
Arbiter time-out status
(see Arbiter Time-Out
Status Register)
When bit 7 (ARB_TIMEOUT) in the arbiter request mask register is asserted,
timeout status for each PCI bus device is reported in this register.
8.3.4 Configuration Register Translation
PCI Express configuration register transactions received by the bridge are decoded based on the transaction’s
destination ID. These configuration transactions can be broken into three subcategories: type 0 transactions, type
1 transactions that target the secondary bus, and type 1 transactions that target a downstream bus other than
the secondary bus.
PCI Express type 0 configuration register transactions always target the configuration space and are never
passed on to the secondary interface.
Type 1 configuration register transactions that target a device on the secondary bus are converted to type 0
configuration register transactions on the PCI bus. Figure 10 shows the address phase of a type 0 configuration
transaction on the PCI bus as defined by the PCI specification.
Figure 10. Type 0 Configuration Transaction Address Phase Encoding
In addition, the bridge converts the destination ID device number to one of the AD[31:16] lines as the IDSEL
signal. The implemented IDSEL signal mapping is shown in Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com