Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBP110EUDJ6F Datasheet(PDF) 37 Page - STMicroelectronics

Part # STBP110EUDJ6F
Description  Overvoltage protection device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP110EUDJ6F Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STBP110EUDJ6F Datasheet HTML 32Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 33Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 34Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 35Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 36Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 37Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 38Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 39Page - STMicroelectronics STBP110EUDJ6F Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
STBP110
Part numbering
Doc ID 018687 Rev 3
37/40
11
Part numbering
Note:
Currently available part numbers are marked bold in Table 11. For other options, or for more
information on any aspect of this device, please contact the nearest ST sales office.
Table 10.
Ordering information scheme
STBP110
A
T
DJ
6
F
Device type
STBP110
Overvoltage threshold
A = 5.375 V
B = 5.50 V
C = 5.90 V
D = 6.02 V
E = 6.40 V
F = 6.80 V
G = 7.20 V
Undervoltage threshold
T = 2.70 V
U = 3.00 V
V = 3.25 V
Package
DJ = TDFN8 2 x 2 x 0.75 mm
Temperature range
6 = -40 °C to +85 °C
Shipping method
F = ECOPACK® package, tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com