Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFU18N65M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STFU18N65M2
Description  Extremely low gate charge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU18N65M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STFU18N65M2 Datasheet HTML 2Page - STMicroelectronics STFU18N65M2 Datasheet HTML 3Page - STMicroelectronics STFU18N65M2 Datasheet HTML 4Page - STMicroelectronics STFU18N65M2 Datasheet HTML 5Page - STMicroelectronics STFU18N65M2 Datasheet HTML 6Page - STMicroelectronics STFU18N65M2 Datasheet HTML 7Page - STMicroelectronics STFU18N65M2 Datasheet HTML 8Page - STMicroelectronics STFU18N65M2 Datasheet HTML 9Page - STMicroelectronics STFU18N65M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STFU18N65M2
6/12
DocID027562 Rev 2
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Gate charge vs gate-source voltage
Figure 7: Static drain-source on-resistance
0.1
1
10
0.1
1
10
100
I
D
(A)
10 ms
1ms
100 µs
10 µs
V
DS (V)
Tj=150°C
Tc=25°C
Single pulse
GIPG070120151641FSR
0
0
4
V
DS (V)
8
12
5
10
15
20
25
16
I
D(A)
V
GS
= 6,7,8,9,10 V
V
GS = 5 V
V
GS = 4 V
GIPG161220141431ALS
0
0
4
V
GS(V)
8
2
6
I
D
(A)
V
DS = 16 v
5
10
15
20
25
GIPG161220141436ALS
4
8
12
16
20
0
100
200
300
400
500
600
6
4
2
0
0
Qg(nC)
8
10
12
V
GS
(V)
V
DS
(V)
V
DS
= 520V
I
D = 12 A
GIPG161220141455ALS
0.265
0.270
0.275
0.280
0.285
0.290
0
4
2
6
8
10
12
R
DS(on)
(Ω)
I
D(A)
V
GS = 10 V
GIPG161220141505ALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com