Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW30M65DF2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGW30M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 30 A low loss
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW30M65DF2 Datasheet(HTML) 1 Page - STMicroelectronics

  STGW30M65DF2 Datasheet HTML 1Page - STMicroelectronics STGW30M65DF2 Datasheet HTML 2Page - STMicroelectronics STGW30M65DF2 Datasheet HTML 3Page - STMicroelectronics STGW30M65DF2 Datasheet HTML 4Page - STMicroelectronics STGW30M65DF2 Datasheet HTML 5Page - STMicroelectronics STGW30M65DF2 Datasheet HTML 6Page - STMicroelectronics STGW30M65DF2 Datasheet HTML 7Page - STMicroelectronics STGW30M65DF2 Datasheet HTML 8Page - STMicroelectronics STGW30M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
December 2015
DocID027768 Rev 3
1/19
This is information on a product in full production.
www.st.com
STGW30M65DF2,
STGWA30M65DF2
Trench gate field-stop IGBT, M series 650 V, 30 A low loss
Datasheet - production data
Figure 1: Internal schematic diagram
Features
6 µs of minimum short-circuit withstand time
VCE(sat) = 1.55 V (typ.) @ IC = 50 A
Tight parameters distribution
Safer paralleling
Low thermal resistance
Soft and very fast recovery antiparallel diode
Applications
Motor control
UPS
PFC
Description plur
These devices are IGBTs developed using an
advanced proprietary trench gate field-stop
structure. These devices are part of the M series
of IGBTs, which represent an optimum
compromise in performance to maximize the
efficiency of inverter systems where low-loss and
short-circuit capability are essential. Furthermore,
a positive VCE(sat) temperature coefficient and tight
parameter distribution result in safer paralleling
operation.
Table 1: Device summary
Order code
Marking
Package
Packaging
STGW30M65DF2
G30M65DF2
TO-247
Tube
STGWA30M65DF2
G30M65DF2
TO-247 long leads
Tube


Similar Part No. - STGW30M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW30H60DF STMICROELECTRONICS-STGW30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGW30H60DFB STMICROELECTRONICS-STGW30H60DFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
04-Nov-2016
STGW30H60DLFB STMICROELECTRONICS-STGW30H60DLFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGW30H65FB STMICROELECTRONICS-STGW30H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
28-Jul-2015
STGW30N120KD STMICROELECTRONICS-STGW30N120KD Datasheet
359Kb / 13P
30 A - 1200 V - short circuit rugged IGBT
18-Jun-2008
More results

Similar Description - STGW30M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2 Datasheet
1Mb / 19P
Trench gate field-stop IGBT M series, 650 V, 15 A low loss
13-Nov-2015
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
STGB4M65DF2 STMICROELECTRONICS-STGB4M65DF2 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGF4M65DF2 STMICROELECTRONICS-STGF4M65DF2 Datasheet
983Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGW75M65DF2 STMICROELECTRONICS-STGW75M65DF2 Datasheet
1,005Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 75 A low loss
15-Jun-2016
STGWA50M65DF2 STMICROELECTRONICS-STGWA50M65DF2 Datasheet
971Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 50 A low loss
14-Jun-2016
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 120 A low loss
12-Aug-2016
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
08-Oct-2018
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2_V01 Datasheet
448Kb / 20P
Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
05-Dec-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com