Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STHVDAC-253MTG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STHVDAC-253MTG
Description  Antenna tuning circuit with turbo and glide
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-253MTG Datasheet(HTML) 2 Page - STMicroelectronics

  STHVDAC-253MTG Datasheet HTML 1Page - STMicroelectronics STHVDAC-253MTG Datasheet HTML 2Page - STMicroelectronics STHVDAC-253MTG Datasheet HTML 3Page - STMicroelectronics STHVDAC-253MTG Datasheet HTML 4Page - STMicroelectronics STHVDAC-253MTG Datasheet HTML 5Page - STMicroelectronics STHVDAC-253MTG Datasheet HTML 6Page - STMicroelectronics STHVDAC-253MTG Datasheet HTML 7Page - STMicroelectronics STHVDAC-253MTG Datasheet HTML 8Page - STMicroelectronics STHVDAC-253MTG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Electrical characteristics
STHVDAC-253MTG
2/28
DocID027917 Rev 4
1
Electrical characteristics
Table 1. Absolute maximum ratings (limiting value)
Symbol
Parameter
Rating
Unit
AVDD
Analog supply voltage
-0.3 to +5.5
V
VI/O
Digital supply voltage
-0.3 to +3.3
V
VLOG
Input voltage logic lines (DATA, CLK, SEL_ID0, SEL_ID1)
-0.5 to VI/O + 0.5
V
VESD (HBM) Human body model, JESD22-A114-B, All I/O
2
kV
Tstg
Storage temperature
-55 to +150
ºC
Tj
Maximum junction temperature
150
°C
Table 2. Recommended operating conditions
Symbol
Parameter
Rating
Unit
min.
typ.
max.
TAMB_OP
Operating ambient temperature
-30
-
+85
ºC
AVDD
Analog supply voltage
2.3
-
5
V
VI/O
Digital supply voltage
1.65
-
1.95
V
VIH
Input voltage logic level High (DATA, CLK, SEL_ID0, SEL_ID1)
0.7*VI/O
-VI/O+ 0.3
V
VIL
Input voltage logic level Low (DATA, CLK, SEL_ID0, SEL_ID1)
-0.3
-
0.3*VI/O
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com