Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL3N10F7 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL3N10F7
Description  N-channel enhancement mode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL3N10F7 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL3N10F7 Datasheet HTML 5Page - STMicroelectronics STL3N10F7 Datasheet HTML 6Page - STMicroelectronics STL3N10F7 Datasheet HTML 7Page - STMicroelectronics STL3N10F7 Datasheet HTML 8Page - STMicroelectronics STL3N10F7 Datasheet HTML 9Page - STMicroelectronics STL3N10F7 Datasheet HTML 10Page - STMicroelectronics STL3N10F7 Datasheet HTML 11Page - STMicroelectronics STL3N10F7 Datasheet HTML 12Page - STMicroelectronics STL3N10F7 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID025948 Rev 2
11/13
STL3N10F7
Package mechanical data
13
Figure 20. PowerFLAT™ 2x2 recommended footprint (all dimensions are in mm)
Table 8. PowerFLAT™ 2 x 2 mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.20
b
0.25
0.30
0.35
D
1.90
2.00
2.10
E
1.90
2.00
2.10
D2
0.90
1.00
1.10
E2
0.80
0.90
1.00
e
0.55
0.65
0.75
K
0.15
0.25
0.35
K1
0.20
0.30
0.40
K2
0.25
0.35
0.45
L
0.20
0.25
0.30
L1
0.65
0.75
0.85
Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com