Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSCF210100 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSCF210100
Description  Two-way Detection Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSCF210100 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSCF210100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSCF210100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSCF210100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSCF210100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
13
13
Series
General-purpose Type
SSCT
SSCF
SSCW
SPVQ5
SSCL
Photo
Operation type
Two-way
One-way
Two-way
Dimensions
(mm)
W
12.5
11
13.1
13.8
11
D
5
5.8
11.35
16.1
H
11.5
12.4
5.3
5.8
5.3
Operating temperature range
−40℃ to +85℃
Automotive use
●
●
●
●
●
Life cycle (availability)
Poles / Positions
1/2
1/1
1/2
Rating(max.)
(Resistive load)
0.1A 12V DC
Rating(min.)
(Resistive load)
50μA 3V DC
100μA 3V DC
50μA 5V DC
Durability
Operating life
without load
10,000cycles
500mΩ max.
50,000cycles
300mΩ max.
100,000cycles
1Ω max.
300,000cycles
1Ω max.
50,000cycles
1Ω max.
Operating life
with load
Rating(max.)
(Resistive load)
10,000cycles
500mΩ max.
50,000cycles
300mΩ max.
100,000cycles
1Ω max.
300,000cycles
1Ω max.
50,000cycles
1Ω max.
Electrical
performance
Initial contact
resistance
200mΩ max.
100mΩ max.
500mΩ max.
Insulation
resistance
100MΩ min.
250V DC
100MΩ min.
100V DC
100M Ωmin.
250V DC
100MΩ min.
500V DC
100MΩ min.
100V DC
Voltage proof
250V AC
for 1minute
100V AC
for 1 minute
250V AC
for 1minute
500V AC
for 1minute
100V AC
for 1minute
Mechanical
performance
Terminal
strength
3N for 1minute
5N for 1minute
—
Actuator
strength
20N
10N
20N
10N
Environmental
performance
Cold
−40℃ 500h
Dry heat
85℃ 500h
Damp heat
60℃, 90 to 95%RH 500h
Operation force
0.7±0.3N
0.7N max.
1N max.
2N max.
0.7N max. 
Page
40
41
43
44
45
Detector Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 71
Detector Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 72
Note
●
Indicates applicability to all products in the series.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com