Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSCN Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSCN
Description  Water-proof Lever Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSCN Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSCN Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSCN Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSCN Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
70
70
Water-proof two-way detection type lever switch
with 40º total travel in both directions
Water-proof Lever Type
SSCN
Minimum order unit(pcs)
1
2
3
L
L
R
R
Circuit Diagram
Dimensions
Unit:mm
Style
Terminal No.1
Terminal No.2
Terminal No.3
10$
40$
Total travel position
ON starting position
5
2-2
4
55
0.6
2
3.4
10
13
Poles
1
2
Positions
Non shorting
Changeover timing
For PC board
Terminal type
600
Japan
SSCN110101
Product No.
Product Line
This unit cannot be used in water (IP67 rating, except for terminal).
Note
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 12V DC / 100BA 5V DC
Contact resistance
(Initial / After operating life)
500mΩ max. / 1Ω max.
Operating force
2N max.
Lever devoted angle
40°
Operating life
Without load
100,000cycles
With load
100,000cycles(0.1A 12V DC)
2,400
Export
Refer to P.71 for soldering conditions.
Packing Specifications
Tray
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
600
2,400
540×360×270


Similar Part No. - SSCN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCN110101 ALPS-SSCN110101 Datasheet
129Kb / 2P
Detector Switch
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
Single Timer
More results

Similar Description - SSCN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
Water-proof Type
SPVQ4 ALPS-SPVQ4 Datasheet
149Kb / 2P
Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
Water-proof Type
SPVQ4H ALPS-SPVQ4H Datasheet
897Kb / 3P
Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
Water-proof Type
SPVQ7 ALPS-SPVQ7 Datasheet
1Mb / 4P
Water-proof Type
SPVQ9 ALPS-SPVQ9 Datasheet
828Kb / 3P
Water-proof Type
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
Water-proof Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com