Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ9910A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SQ9910A
Description  Universal High Brightness LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SQ9910A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SQ9910A Datasheet HTML 2Page - List of Unclassifed Manufacturers SQ9910A Datasheet HTML 3Page - List of Unclassifed Manufacturers SQ9910A Datasheet HTML 4Page - List of Unclassifed Manufacturers SQ9910A Datasheet HTML 5Page - List of Unclassifed Manufacturers SQ9910A Datasheet HTML 6Page - List of Unclassifed Manufacturers SQ9910A Datasheet HTML 7Page - List of Unclassifed Manufacturers SQ9910A Datasheet HTML 8Page - List of Unclassifed Manufacturers SQ9910A Datasheet HTML 9Page - List of Unclassifed Manufacturers SQ9910A Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SQ9910/SQ9910A
Equation:
in
C
max
_
min
_
2
2
)
1
(
DC
L
Line
ch
in
V
f
V
D
P
Where
ch
D
:
in
C
capacity charge work period,
generally about 0.2~0.25
L
f : input frequency for full range (85~265
rms
V
)
max
_
DC
V
should be set 10~15% of
min
_
2
Line
V
And
CMIN = ILED*VLEDs*0.06/VIN^2
CMIN = 22 µF, a value 22µF/250V can be used
A passive PFC circuit at the input requires using two
series connected capacitors at the place of calculated
CMIN. Each of these identical capacitors should be
rated for ½ of the input voltage and have twice as
much capacitance
Enable
The SQ9910 can be turned off by pulling the PWM_D
pin to ground. When disabled, the SQ9910 draws
quiescent current of less than 1mA
.
Output Open Circuit Protection
When the buck topology is used, and the LED is
connected in series with the inductor, there is no need for
any protection against an open circuit condition in the
LED string. Open LED connection means no switching
and can be continuous.
DC/DC Low Voltage Applications
Buck Converter Operation
SQ9910 is an offline AC-DC solution for LED lighting
system. Due to its simplicity of buck topology when the
LED string voltage is needed to be lower than the input
supply voltage, this solution can be designed to meet
various non-isolation application including T-8, LED
lamps
The design procedure for a buck LED driver outlined in
the previous chapters can be applied to the low
voltage LED drivers as well. However, the designer
must keep in mind that the input voltage must be
maintained higher than 2 times the forward voltage
drop across the LEDs. This limitation is related to the
output current instability that may develop when
the SQ9910 buck converter operates at a duty
cycle greater than 0.5. This instability reveals itself
as an oscillation of the output current at a sub-
harmonic of the switching frequency.
Benefiting from SQ9910 inherited high voltage
feature, rectified DC high voltage (Vdc = Vac x
1.414) can be directly fed into power pin of it to
achieve high duty cycle, which is only limited by
Vo / Vin, to optimize design efficiency. This
solution can easily achieve above 90% efficiencyl.
However, if the duty cycle is configured to reach
above more than 50%, some instability called
sub-harmonics oscillation (SBO) will occur.
The best solution is to adopt the so-called
constant off-time operation as shown in Fig. 2.
The resistor (R2) is, connected to ground by
default, to set operating frequency. We can
alternatively connect this resistor to gate of
MOSFET to force SQ9910 to enter constant OFF
time mode which will decrease duty cycle from
50% by increase total period, Toff + Ton.
One of the major scenarios which might induce
SBO is that when SQ9910 is biased right after
passive PFC stage. The DC voltage rail, Vin, is
halved which will easily increase duty cycle up to
more than 50%
For
general
LED
lighting
application,
PFC
becomes a necessary factor in order to meet the
emergent international standard of solid state
lighting. The following example as shown in Fig. 2
can explain it in more details where Rsense is
connected between Pin 8, Rosc, and Pin 4, GATE
to set SQ9910 to operate in fixed-off time mode
Example :
VIN - Vac 110V with passive PFC
VOUT - consisting of 1W HB LED with nominal Vf
=3.3V.
Vin, after rectified and passing PFC stage, the
actual DC rail will become
110V * 1.414 / 2 = 77.7Vdc
The duty cycle, D = Vout / Vin, will reach above
50% when voltage drop of LED string, as the
Vout, is more than 77.7 / 2 = 38.8V. Another word,
if any string consisting of 38.8 / 3.3 = 12 LEDs in a
series, SBO will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com