Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSCW Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSCW
Description  Two-way Detection Type with Female Connector Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSCW Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSCW_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSCW_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSCW_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
43
43
A connector type detector switch eliminates the
need for solder
Two-way Detection Type with Female Connector Terminal
SSCW
Unit:mm
Dimensions
Style
ON starting position
0.46
R0.55
(R6.1)
(6.6)
Operating force
measuring position
Total travel position
Terminal No.2
Terminal No.1
ø2.6G2 hole
(4)
3.46
13.1
7
10
1.23
(4)
6.8
6.9
2
5.3
1
2
Circuit Diagram
Unit:mm
Recommended Unit Terminal style
7
ø2
10
0.635
0.2
2-5
2-5.6
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 12V DC / 100BA 3V DC
Contact resistance
(Initial / After operating life)
500mΩ max. / 1Ω max.
Operating force
1N max.
Operating life
Without load
100,000cycles
With load
100,000cycles(0.1A 12V DC)
Product Line
Poles
1
1
Positions
Female connector type
Terminal type
2,000
Japan
Product No.
SSCW110101
Minimum order unit(pcs)
Export
10,000
Packing Specifications
Bulk
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
2,000
10,000
389×276×380


Similar Part No. - SSCW_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCW110101 ALPS-SSCW110101 Datasheet
125Kb / 2P
Detector Switch
More results

Similar Description - SSCW_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SSCF ALPS-SSCF Datasheet
236Kb / 3P
Two-way Detection Type
SSCM ALPS-SSCM Datasheet
232Kb / 3P
Compact Two-way Detection Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SSCF ALPS-SSCF_15 Datasheet
962Kb / 4P
Two-way Detection Type
SSCL ALPS-SSCL Datasheet
1Mb / 3P
Two-way Detection Type with Female Connector Terminal
SSCM ALPS-SSCM_15 Datasheet
851Kb / 3P
Compact Two-way Detection Type
SSCQ ALPS-SSCQ Datasheet
1Mb / 3P
Compact Two-way, Two-step Detection Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com