Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCS Datasheet(PDF) 2 Page - XP Power Limited

Part # BCS
Description  DC Standby System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

BCS Datasheet(HTML) 2 Page - XP Power Limited

  BCS Datasheet HTML 1Page - XP Power Limited BCS Datasheet HTML 2Page - XP Power Limited BCS Datasheet HTML 3Page - XP Power Limited BCS Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCS75/100
Models and Ratings
Notes
1. Total power must not exceed the output power rating, current during battery
discharge limited to 4.0 A
2. Delete C from model number for optional uncased version e.g. BCS75US13. or
BCS75US27-A.
Mechanical Details
Notes
BCS, BCS A
BCS C, BCS CA
1. All dimensions in inches (mm).
2. BCS, BCS-C CN2 Mating Part JST XHP-3 housing, SXH-001 T-P0.6 crimps
or equivalent.
3. BCS-A, BCS-CA CN2 mating part JST XHP-4 housing, SXH-001
T-P0.6 crimps or equivalent.
4. For correct operation of the internal battery fuse, the BAT- terminal should not
be connected to earth or -Vout Com.
)
0.76
(19.4)
0.73
(18.5)
1.47
(37.5
1.12
(28.5)
0.39
(10.0)
3-M3
ø 0.13
(ø 3.5)
ø 0.13 (ø 3.5)
5.09 (129.5)
0.25 (6.5)
0.25 (6.5)
1.29 (33.0)
3.03 (77.0)
4.72 (120.0)
0.26
(6.65)
3.83
(97.5)
1.29
(33.0)
1.21
(30.7)
ø0.13
(ø3.5)
0.25
(6.5
0.07 (2.0)
3.58
(91.0)
0.32
(8.25)
2-M3
0.19
(5.0)
0.17
(4.5)
ø 0.13 (ø 3.5)
2.89 (73.5)
CN2
1
2
3
4
5
6
7
8
CN1
CN2
1
CN1
1
2
3
4
5
6
7
8
CN2
0.35
(9.0)
0.32
(8.25)
0.26
(6.65)
1.53
(3.9)
4.09 (103.9)
0.75
(19.1)
0.015 (0.4)
4.8 (123.0)
0.21
(5.5)
0.19
(5.0)
0.9 (5.0)
0.15 (4.0)
0.007
(0.2)
3.74
(95.0)
0.25
(6.0)
0.11 (3.0)
1.22
(31.0)
0.255
(6.5)
CN1 - Input/Output Connector
Pin
Function
Pin
Function
1
Line
5
+Vout
2
Neutral
6
BAT+
3
FG
7
BAT-
4
-Vout Com
8
+5V
(-A versions only)
CN2 - Alarm Connector for BCS, BCS-C
Pin
Function
1
AC OK
2
BAT LOW
3
13.8 V/20 mA or 27.6 V/20 mA
(Output voltage dependant)
CN2 - Alarm Connector for BCS-A, BCS-CA
Pin
Function
1 2
AC OK
3 4
BAT LOW
Derating Curves
-20
0
10
20
30
40
50
70
20
40
60
80
100
60
Ambient Temperature (°C)
(Horizontal)
Load vs Temp.
Output Power
Output 1
Output 2
Output 3
Efficiency
Model Number(2)
Voltage
Current(1)
Voltage
Current(1)
Voltage
Current(1)
75 W
13.8 V
5.50 A
13.8 V
1.95 A
86%
BCS75US13-C
27.6 V
2.75 A
27.6 V
1.10 A
88%
BCS75US27-C
13.8 V
4.40 A
13.8 V
1.95 A
5.0 V
3.0 A
85%
BCS75US13-CA
27.6 V
2.20 A
27.6 V
1.10 A
5.0 V
3.0 A
87%
BCS75US27-CA
100 W
13.8 V
7.30 A
13.8 V
2.80 A
86%
BCS100US13-C
27.6 V
3.65 A
27.6 V
1.70 A
88%
BCS100US27-C
13.8 V
6.20 A
13.8 V
2.80 A
5.0 V
3.0 A
85%
BCS100US13-CA
27.6 V
3.10 A
27.6 V
1.70 A
5.0 V
3.0 A
87%
BCS100US27-CA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com