Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNR30US48 Datasheet(PDF) 1 Page - XP Power Limited

Part # DNR30US48
Description  Rugged Design for Industrial Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DNR30US48 Datasheet(HTML) 1 Page - XP Power Limited

  DNR30US48 Datasheet HTML 1Page - XP Power Limited DNR30US48 Datasheet HTML 2Page - XP Power Limited DNR30US48 Datasheet HTML 3Page - XP Power Limited DNR30US48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
560 Watts
•
Rugged Design for Industrial Applications
•
Up to 89% Efficiency
•
Full Power to +60 °C
•
Wide Adjustment Range
•
DC OK 24 V Models
•
DC Standby Versions
•
3 Year Warranty
DNR Series
Input
Input Voltage
• 90-264 VAC, 120-375 VDC (DNR05/10/18)
85-264 VAC, 90-375 VDC (DNR30/60)
Input Frequency
• 47-63 Hz
Input Current
• See tables
Inrush Current
• 5-18 W: 10/18 A at 115/230 VAC
30 W: 20/40 A at 115/230 VAC
60 W: 30/60 A at 115/230 VAC
Power Factor
• EN61000-3-2, class A
Earth Leakage Current
• 0.8 mA max
Input Protection
• Internal fuse T2A, 250 VAC fitted in line
Output
Output Voltage
• See tables
Output Voltage Trim
• See tables
Initial Set Accuracy
• ±1%
Minimum Load
• No minimum load required
Start Up Delay
• <1 s (may increase at low
temperature extremes)
Start Up Rise Time
• <150 ms
Hold Up Time
• 30/130 ms at 115/230 VAC (DNR05)
25/100 ms at 115/230 VAC (DNR10)
20/75 ms at 115/230 VAC (DNR18)
20/30 ms at 115/230 VAC (DNR30)
20/30 ms at 115/230 VAC DNR60)
Line Regulation
• 5-18 W: ±1.0% max
30-60 W: ±0.5% max
Load Regulation
• 5-18 W: ±2.0% max
30-60 W: ±0.5% max
Parallel Operation
• Redundancy module DPM10 available
for load currents up to 10 A (not with
standby system), contact sales
Transient Response
• 4% max deviation recovery to within
1% in 2 ms for a 50% load change
Ripple & Noise
• 50 mV pk-pk, 20 MHz bandwidth (may
increase at low temperature extremes)
Overvoltage Protection
• Output clamps at 120-145% Vnom,
auto recovery
Overload Protection
• 110-145% constant current (DNR05-18)
105-150% power limited (DNR30/60)
Short Circuit Protection
• Power limited, auto recovery
Temperature
• ±0.03%/°C
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• 3000 VAC Input to Output, 1500 VAC Input
to Ground, 500 VAC Output to Ground
Switching Frequency
• 132 KHz typical, 55-90 kHz (DNR60)
Signals
• DC ON indicator LED Green: All models
DC LOW indicator LED Red: 5-18 W models
DC OK: 24 V 30-60 W models
DC OK: All standby models
MTBF
• 800 kHrs typical Bellcore, Issue 6 at +40 °C,
GB (DNR05/10/18), 530 kHrs typical
Bellcore, Issue 6 at +40 °C, GB (DNR30/60)
DIN Rail
• Compatible with TS35/7.5 or TS35/15
Environmental
Operating Temperature
• -20 °C to +70 °C (DNR05/10/18)
-40 °C to +70 °C, start up at -35 °C
(DNR30/60), all units derate linearly from
60 °C (see derating curves)
Cooling
• Convection-cooled with 25mm free space
all sides
Operating Humidity
• 20-95% RH, non-condensing
Storage Temperature
• -25 °C to +85 °C (DNR05/10/18)
-40 °C to +85 °C (DNR30/60)
Shock
• 15 g, 11 ms, X, Y & Z axis, 3 shocks/axis
in both directions
Vibration
• 2 g, 10 Hz to 500 Hz, along X, Y & Z axis,
60 mins/axis, mounted on rail
EMC & Safety
Emissions
• EN55022, level B conducted & radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 4, Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 4, Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3, Perf Criteria A
Magnetic Field
• EN61000-4-8, level 4 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms,
60% 100 ms, 100% 5000 ms
Perf Criteria A, B, B
Safety Approvals
• EN60950-1, UL508 Pollution Degree 2,
UL1310 class 2 power recognised,
See note 3 & ratings table,
UL60950-1 Overvoltage Category II,
UL508 Overvoltage Category III,
DNR30 & DNR60: SEMI F47
ANSI/ISA 12.12.01. Class 1, Division 2
Groups A,B,C and D


Similar Part No. - DNR30US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DNR30US48 XPPOWER-DNR30US48 Datasheet
144Kb / 4P
AC-DC Power Supplies
More results

Similar Description - DNR30US48

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS711L1 INFINEON-ITS711L1_10 Datasheet
1Mb / 18P
For Industrial Applications
Rev. 1.3, 2010-03-16
logo
List of Unclassifed Man...
OPD-10HO ETC2-OPD-10HO Datasheet
70Kb / 2P
Rugged construction and modularized design
logo
XP Power Limited
MCS XPPOWER-MCS Datasheet
394Kb / 2P
Rugged Desktop Design
logo
Axiomtek Co., Ltd.
AX60530 AXIOMTEK-AX60530_16 Datasheet
165Kb / 1P
Compact design for embedded applications
logo
Red Lion Controls. Inc
VT-MODEM-1WW REDLION-VT-MODEM-1WW Datasheet
912Kb / 2P
Rugged Industrial Telephone Modems
logo
Taoglas antenna solutio...
FW.24.SMA.M TAOGLAS-FW.24.SMA.M Datasheet
984Kb / 12P
Rugged Design for Outdoor Use
FW.86.B.NTY.M TAOGLAS-FW.86.B.NTY.M Datasheet
833Kb / 11P
Rugged Design for Outdoor Use
logo
API Technologies Corp
1469A APITECH-1469A Datasheet
437Kb / 2P
Rugged connector design
logo
OSRAM GmbH
SFH7770 OSRAM-SFH7770 Datasheet
243Kb / 22P
Not for design in automotive and industrial applications
logo
PHOENIX CONTACT
REL-OR-24DC PHOENIX-REL-OR-24DC Datasheet
109Kb / 4P
Extremely rugged design
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com