Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCM Datasheet(PDF) 2 Page - XP Power Limited

Part # FCM
Description  400 W Continuous, 600 W Peak
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FCM Datasheet(HTML) 2 Page - XP Power Limited

  FCM Datasheet HTML 1Page - XP Power Limited FCM Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
07-Nov-11
FCM400
Mechanical Details
Models and Ratings
Notes
1. Peak Output Power - The peak duration is 500 ms maximum, average power must not exceed 400 W.
OUTPUT VOLTAGE
ADJUSTMENT
OUTPUT TERMINALS
M4 SCREWS IN 2
POSITIONS. TORQUE
TO 90 cNm Max.
SIGNALS CONNECTOR CON8
10-WAY JST-BIOB-PDHSS
OUTPUT TERMINALS
ALLOW CONNECTION
FROM EITHER TOP OR SIDE
2
1
6.00 ±0.02
(152.4 ±0.5)
1.93 ±0.02
(49.0 ±0.5)
4.00 ±0.02
(101.6 ±0.5)
0.96
(24.3)
2.10
(53.4)
3.35
(85.0)
INPUT CONNECTOR
Pin 9
NOT INCLUDING OUTPUT
TERMINAL SCREWS
HEIGHT INCLUDES
EMBOSSED FAN COVER
Pin 10
Pin 1
Pin 2
M3 MOUNTING HOLES (IN 2 POSITIONS). MAX. PENETRATION
BY SCREW TO BE 3.5mm FROM OUTSIDE FACE OF CHASSIS
3.94
(100.0)
2.95
(75.0)
0.52
(13.3)
1.03
(26.2)
M3 MOUNTING HOLES (IN 4 POSITIONS). MAX. PENETRATION
BY SCREW TO BE 2.5mm FROM BOTTOM FACE OF CHASSIS
1. Dimensions shown in inches (mm).
Tolerance: ±0.02 (±0.5)
2. Weight: 1.8 lb (800 g).
Output Voltage V1
Output Current V1
Standby Supply V2
Output Power
Model Number
Continuous
Peak(1)
Continuous
Peak(1)
12 V
33.3 A
50.0 A
5 V / 0.5 A
400 W
600 W
FCM400PS12
15 V
26.6 A
40.0 A
5 V / 0.5 A
400 W
600 W
FCM400PS15
24 V
16.6 A
25.0 A
5 V / 0.5 A
400 W
600 W
FCM400PS24
28 V
14.2 A
21.4 A
5 V / 0.5 A
400 W
600 W
FCM400PS28
36 V
11.1 A
16.7 A
5 V / 0.5 A
400 W
600 W
FCM400PS36
48 V
8.3 A
12.5 A
5 V / 0.5 A
400 W
600 W
FCM400PS48
Notes
Input Connector
Tyco part #640445-5
Pin 1
Line
Pin 2
Neutral
Pin 3
Earth
Output Connector
Pin 1
+V1
Pin 2
V1 RTN
J1 mates with Tyco MTA-156 & SL-156
product lines
Mating plug:
JST p/n PHDR-10VS
Contact:
26-22 AWG JST p/n
SPHD-001T-P0.5
Signals Connector
Pin 1
5 V Standby Return
Pin 2
5 V Standby
Pin 3
5 V Standby Return
Pin 4
5 V Standby
Pin 5
5 V Standby Return
Pin 6
5 V Standby
Pin 7
Power Fail (Collector)
Pin 8
Power Fail (Emitter)
Pin 9
Remote On / Off (Cathode)
Pin 10
Remote On / Off (Anode)
Input Voltage & Temperature Derating
400
300
100
200
500
-10
0
50
Ambient Temperature (°C)
Peak Power Availability
600
10
40
0
60
70
400
360
300
320
540
80
85
275
Input Voltage (VAC)
Peak Power Availability
600
90
264



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com