Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD07N03L Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPD07N03L
Description  OptiMOS Buck converter series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD07N03L Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPD07N03L Datasheet HTML 1Page - Infineon Technologies AG IPD07N03L Datasheet HTML 2Page - Infineon Technologies AG IPD07N03L Datasheet HTML 3Page - Infineon Technologies AG IPD07N03L Datasheet HTML 4Page - Infineon Technologies AG IPD07N03L Datasheet HTML 5Page - Infineon Technologies AG IPD07N03L Datasheet HTML 6Page - Infineon Technologies AG IPD07N03L Datasheet HTML 7Page - Infineon Technologies AG IPD07N03L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2003-01-17
Page 1
IPD07N03L
IPU07N03L
OptiMOS® Buck converter series
Product Summary
VDS
30
V
RDS(on)
6.8
m
Ω
ID
30
A
Feature
•N-Channel
•Logic Level
•Low On-Resistance R
DS(on)
•Excellent Gate Charge x R
DS(on) product (FOM)
•Superior thermal resistance
•175°C operating temperature
•Avalanche rated
•dv/dt rated
•Ideal for fast switching buck converters
P- TO251 -3-1
P- TO252 -3-11
Marking
07N03L
07N03L
Type
Package
Ordering Code
IPD07N03L
P- TO252 -3-11
Q67042-S4029
IPU07N03L
P- TO251 -3-1
Q67042-S4105
Maximum Ratings, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current1)
TC=25°C
ID
30
30
A
Pulsed drain current
TC=25°C
ID puls
120
Avalanche energy, single pulse
ID=20A, VDD=25V, RGS=25Ω
EAS
30
mJ
Repetitive avalanche energy, limited by Tjmax2)
EAR
15
Reverse diode dv/dt
IS=30A, VDS=24V, di/dt=200A/µs, Tjmax=175°C
dv/dt
6
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC=25°C
Ptot
150
W
Operating and storage temperature
Tj , Tstg
-55... +175
°C
IEC climatic category; DIN IEC 68-1
55/175/56


Similar Part No. - IPD07N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD075N03L INFINEON-IPD075N03L Datasheet
554Kb / 12P
OptiMOS Power-Transistor
Rev. 1.1 2009-01-14
logo
Inchange Semiconductor ...
IPD075N03L ISC-IPD075N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD075N03L-G INFINEON-IPD075N03L-G Datasheet
1Mb / 12P
OptiMOS3 Power-Transistor
2010-04-07 revision:2.1
IPD075N03L-G INFINEON-IPD075N03L-G Datasheet
554Kb / 12P
OptiMOS Power-Transistor
Rev. 1.1 2009-01-14
IPD075N03LG INFINEON-IPD075N03LG Datasheet
554Kb / 12P
OptiMOS Power-Transistor
Rev. 1.1 2009-01-14
More results

Similar Description - IPD07N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS670S2L INFINEON-BSS670S2L Datasheet
156Kb / 8P
OptiMOS Buck converter series
2003-03-17
IPD09N03L INFINEON-IPD09N03L Datasheet
135Kb / 8P
OptiMOS Buck converter series
2002-01-17
IPD12N03L INFINEON-IPD12N03L Datasheet
152Kb / 8P
OptiMOS Buck converter series
2003-01-17
IPD14N03L INFINEON-IPD14N03L Datasheet
424Kb / 8P
OptiMOS Buck converter series
2003-01-17
IPD20N03L INFINEON-IPD20N03L Datasheet
158Kb / 8P
OptiMOS Buck converter series
2003-01-17
IPP04N03L INFINEON-IPP04N03L Datasheet
455Kb / 8P
OptiMOS Buck converter series
2003-01-17
IPP05N03L INFINEON-IPP05N03L Datasheet
449Kb / 8P
OptiMOS Buck converter series
2003-01-17
IPP10N03L INFINEON-IPP10N03L Datasheet
452Kb / 8P
OptiMOS Buck converter series
2003-01-17
IPP15N03L INFINEON-IPP15N03L Datasheet
448Kb / 8P
OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L_06 Datasheet
198Kb / 8P
OptiMOS Buck converter series
Rev. 2.3 2006-12-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com