Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS18-3P430 Datasheet(PDF) 3 Page - SICK AG

Part # WS18-3P430
Description  Through-beam photoelectric sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WS18-3P430 Datasheet(HTML) 3 Page - SICK AG

  WS18-3P430 Datasheet HTML 1Page - SICK AG WS18-3P430 Datasheet HTML 2Page - SICK AG WS18-3P430 Datasheet HTML 3Page - SICK AG WS18-3P430 Datasheet HTML 4Page - SICK AG WS18-3P430 Datasheet HTML 5Page - SICK AG WS18-3P430 Datasheet HTML 6Page - SICK AG WS18-3P430 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA3/8/2016 3:52:19 AM
1) Limit values, operation in short-circuit protected network max. 8 A 2) May not exceed or fall short of VS tolerances 3) 4) Without load 5) Signal transit time with
resistive load 6) With light/dark ratio 1:1 7) A = VS connections reverse-polarity protected 8) C = interference suppression 9) D = outputs overcurrent and short-circuit
protected
Switching frequency:
1,000 Hz 6)
Angle of reception:
2 °
Connection type:
M12, 4-pin male connector
Circuit protection:::
A, C, D 7) 8) 9)
Weight:
40 g
Housing material:
ABS, Plastic
Optics material:
PMMA
Enclosure rating:
IP 67
Test input sender off:
TE to 0 V
Ambient operating temperature:
-40 °C ... +60 °C
Ambient storage temperature:
-40 °C ... +75 °C
Part number of individual components:
Receiver, WE18-3P430, 2031003, Sender, WS18-3D430, 2031001
UL File No.:
NRKH.E181493 & NRKH7.E181493
Dimensional drawing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com