Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPF13N03LA Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPF13N03LA
Description  OptiMOS 2 Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPF13N03LA Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPF13N03LA Datasheet HTML 1Page - Infineon Technologies AG IPF13N03LA Datasheet HTML 2Page - Infineon Technologies AG IPF13N03LA Datasheet HTML 3Page - Infineon Technologies AG IPF13N03LA Datasheet HTML 4Page - Infineon Technologies AG IPF13N03LA Datasheet HTML 5Page - Infineon Technologies AG IPF13N03LA Datasheet HTML 6Page - Infineon Technologies AG IPF13N03LA Datasheet HTML 7Page - Infineon Technologies AG IPF13N03LA Datasheet HTML 8Page - Infineon Technologies AG IPF13N03LA Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IPF13N03LA
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
3.2
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
75
6 cm
2 cooling area4)
--
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
25
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=20 µA
1.2
1.6
2
Zero gate voltage drain current
I DSS
V DS=25 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=25 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=20 A
-
18
22.4
m
Ω
V GS=10 V, I D=30 A
-
10.7
13.3
Gate resistance
R G
-
0.9
-
Ω
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=30 A
17
34
-
S
4) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
1) Current is limited by bondwire; with an R
thJC=3.2 K/W the chip is able to carry 46 A.
2) See figure 3
3) T
j,max=150 °C and duty cycle D <0.25 for V GS<-5 V
Rev. 1.2
page 2
2003-12-19



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com