Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISA Datasheet(PDF) 1 Page - XP Power Limited

Part # ISA
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISA Datasheet(HTML) 1 Page - XP Power Limited

  ISA Datasheet HTML 1Page - XP Power Limited ISA Datasheet HTML 2Page - XP Power Limited ISA Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISA Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. For optional 3000 VDC isolation add suffix ‘-H’ to end of part number e.g.
ISA1224-H.
2. Input currents measured at nominal input voltage.
3. Typical value at full load.
• Dual Output
• SMD Package
• Industry Standard Pinout
• Operating Temperature 40 °C to +105 °C
• 1500 VDC Isolation, 3000 VDC Option
• 3 Year Warranty
Dimensions:
ISA:
0.600 x 0.440 x 0.285” (15.24 x 11.20 x 7.25 mm)
1 Watt
Input Voltage
Output Voltage
Output Current
Input Current(2)
Maximum
Capacitive Load
Efficiency(3)
Model Number
No Load
Full Load
2.97-3.63 V
±5 V
±100 mA
25 mA
389 mA
100 µF
78%
ISA0305(1)
±12 V
±42 mA
25 mA
389 mA
100 µF
78%
ISA0312(1)
±15 V
±33 mA
25 mA
389 mA
100 µF
78%
ISA0315
4.5-5.5 V
±5 V
±100 mA
20 mA
250 mA
100 µF
80%
ISA0505(1)
±9 V
±56 mA
20 mA
250 mA
100 µF
80%
ISA0509(1)
±12 V
±42 mA
20 mA
247 mA
100 µF
81%
ISA0512(1)
±15 V
±33 mA
20 mA
247 mA
100 µF
81%
ISA0515(1)
±24 V
±21 mA
20 mA
247 mA
100 µF
81%
ISA0524(1)
10.8-13.2 V
±5 V
±100 mA
15 mA
104 mA
100 µF
80%
ISA1205(1)
±9 V
±56 mA
15 mA
104 mA
100 µF
80%
ISA1209(1)
±12 V
±42 mA
15 mA
103 mA
100 µF
81%
ISA1212(1)
±15 V
±33 mA
15 mA
103 mA
100 µF
81%
ISA1215(1)
±24 V
±21 mA
15 mA
103 mA
100 µF
81%
ISA1224(1)
13.5-16.5 V
±15 V
±33 mA
12 mA
83 mA
100 µF
81%
ISA1515(1)
21.6-26.4 V
±5 V
±100 mA
10 mA
52 mA
100 µF
80%
ISA2405(1)
±9 V
±56 mA
10 mA
52 mA
100 µF
80%
ISA2409(1)
±12 V
±42 mA
10 mA
51 mA
100 µF
81%
ISA2412(1)
±15 V
±33 mA
10 mA
51 mA
100 µF
82%
ISA2415(1)
±24 V
±21 mA
10 mA
51 mA
100 µF
82%
ISA2424(1)
A
5.00 º
A
0.035
(0.88)
0.010
(0.25)
12
4 5
7
10
Recommended Footprint
0.100
(2.54)
0.400
(10.16)
0.400
(10.16)
0.010
(0.25)
0.480
(12.20)
0.039
(1.00)
0.600 (15.24)
Top View grid: 0.1 x 0.1 in (2.54 x 2.54 mm)
Top View
Side View
1. All dimensions are in inches (mm)
2. Weight: 0.004 lbs (1.8 g) typical.
3. Pin diameter: 0.02 ±0.002 (0.5 ±0.005)
4. Pin pitch and length tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
Mechanical Details
PIN CONNECTIONS
Pin
Function
1
GND
2
+Vin
4
0 V
5
-Vout
7
+Vout
10
No Connection


Similar Part No. - ISA

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
ISA-382LF PROTECHSYSTEMS-ISA-382LF Datasheet
297Kb / 2P
ISA VIA Mark CPU Card
ISA-391LF PROTECHSYSTEMS-ISA-391LF Datasheet
480Kb / 2P
ISA VIA Nano/Eden ULV CPU Card w/VGA/SATA/CF/LAN
ISA-472LF PROTECHSYSTEMS-ISA-472LF Datasheet
324Kb / 2P
ISA ULV Celeron M CPU Card
ISA-562LF PROTECHSYSTEMS-ISA-562LF Datasheet
324Kb / 2P
ISA ULV Celeron M CPU Card
ISA-588LF PROTECHSYSTEMS-ISA-588LF Datasheet
756Kb / 2P
Intel Atom N270 (1.6GHz) CPU on board
More results

Similar Description - ISA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com