Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP110 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # KP110
Description  Absolute Pressure Sensor IC Programmable Temperature Compensation and Calibration On-Chip Signal Conditioning Low Cost Bare Die Version
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP110 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button KP110 Datasheet HTML 2Page - Infineon Technologies AG KP110 Datasheet HTML 3Page - Infineon Technologies AG KP110 Datasheet HTML 4Page - Infineon Technologies AG KP110 Datasheet HTML 5Page - Infineon Technologies AG KP110 Datasheet HTML 6Page - Infineon Technologies AG KP110 Datasheet HTML 7Page - Infineon Technologies AG KP110 Datasheet HTML 8Page - Infineon Technologies AG KP110 Datasheet HTML 9Page - Infineon Technologies AG KP110 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Book
6
2003-05
KP110
Calibration
The GLOBOFF register is needed to adjust the sensor cell to the internal A/D converter
range. The TGAIN, TOFFL and TOFFQ registers are used for the temperature
compensation. These registers together with the linearization table have to be
programmed to achieve the full sensor performance.
For a proper calibration of the compensation registers and the linearization table it is
proposed to measure the sensor at a minimum of two different temperatures (e.g. 25 °C,
100 °C) and 3 pressures, depending on the desired pressure range. To set up an
appropriate calibration sequence support of the IFX sensor application group is
available.
Maximum Ratings
Parameter
Symbol
Limit Values
Unit
min.
max.
Supply voltage
V
CC
– 0.3
6.5
V
Supply voltage1)
1) 1h@70 °C
V
CC
– 6.52)
2) Reverse polarity;
I
CC < 300 mA
Note: Stresse above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
16.5
V
Supply current
I
CC
10
mA
Ambient temperature
T
MAX
– 40
140
°C
Storage temperature
T
S
– 60
150
°C
Burst pressure
p
BURST
400
kPa
Voltage at pad DTA_IN
V
DTA_IN
– 0.2
3.2
V
Voltage at pad SERIAL_CLK/
PROG_VOLT during clock mode
V
SERIAL_CLK
– 0.2
3.2
V
Voltage at pad SERIAL_CLK/
PROG_VOLT during fuse mode
V
PROG
– 0.2
12
V
"H" output peak current at pad DTA_OUT
I
OHP
2
mA
"L" output peak current at pad DTA_OUT
I
OLP
– 2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com