Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISH Datasheet(PDF) 2 Page - XP Power Limited

Part # ISH
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISH Datasheet(HTML) 2 Page - XP Power Limited

  ISH Datasheet HTML 1Page - XP Power Limited ISH Datasheet HTML 2Page - XP Power Limited ISH Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISH Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
3.3
24
VDC
See Models and Ratings table
Initial Set Accuracy
-7.5, +2.5
%
At 70% load
Minimum Load
10
%
Line Regulation
±1.2
%
Per 1% change of input voltage (±1.5% for 3V3 output)
Load Regulation
%
See graph
Start Up Delay
2
ms
Ripple and Noise
100
mV pk-pk
20 MHz bandwidth, measured using 0.1 µF capacitor
Transient Response
3
% deviation
Recovery to within 1% in 500 µs for a 25% load change (5%
max. deviation for 3.3 & 5 V models)
Short Circuit Protection
Continuous, with auto recovery, except 1 s max for
24 input V models
Maximum Capacitive Load
220
µF
Temperature Coefficient
0.03
%/˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
4.50
5.50
VDC
5 V nominal
10.80
13.20
VDC
12 V nominal
13.50
16.50
VDC
15 V nominal
21.60
26.40
VDC
24 V nominal
Input Current
See Models and Ratings table
Input Reflected Ripple
15
mA pk-pk
Through 12 µH inductor and 47 µF capacitor
Input Surge
9
VDC for 1 s
5 V models
18
VDC for 1 s
12 V models
21
VDC for 1 s
15 V models
30
VDC for 1 s
24 V models
Input Filter
Capacitor
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
See Models and Ratings table
Isolation: Input to Output
1500
VDC
For optional high isolation versions, 3000 VDC input to
output add suffix -H to model number
Switching Frequency
50
300
kHz
Isolation Resistance
109
Ω
Input to output, tested at 500 VDC
Isolation Capacitance
20
pF
Input to output
Power Density
31.8
Win3
Mean Time Between Failure
3500
kHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.003 (1.5)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+105
°C
Derate from 100% load at +100 °C to 80% load at 105 °C
Storage Temperature
-55
+125
°C
Case Temperature
+115
°C
Operating Humidity
95
% RH
Non-condensing
Cooling
Natural convection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com