Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54F181 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F181
Description  4-Bit Arithmetic Logic Unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F181 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F181 Datasheet HTML 1Page - National Semiconductor (TI) 54F181 Datasheet HTML 2Page - National Semiconductor (TI) 54F181 Datasheet HTML 3Page - National Semiconductor (TI) 54F181 Datasheet HTML 4Page - National Semiconductor (TI) 54F181 Datasheet HTML 5Page - National Semiconductor (TI) 54F181 Datasheet HTML 6Page - National Semiconductor (TI) 54F181 Datasheet HTML 7Page - National Semiconductor (TI) 54F181 Datasheet HTML 8Page - National Semiconductor (TI) 54F181 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9491
August 1995
54F74F181
4-Bit Arithmetic Logic Unit
General Description
The ’F181 is a 4-bit Arithmetic logic Unit (ALU) which can
perform all the possible 16 logic operations on two variables
and a variety of arithmetic operations It is 40% faster than
the Schottky ALU and only consumes 30% as much power
Features
Y
Full lookahead for high-speed arithmetic operation on
long words
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F181PC
N24A
24-Lead (0600 Wide) Molded Dual-In-Line
74F181SPC
N24C
24-Lead (0300 Wide) Molded Dual-In-Line
54F181DM (Note 2)
J24A
24-Lead Ceramic Dual-In-Line
54F181SDM (Note 2)
J24F
24-Lead (0300 ) Ceramic Dual-In-Line
74F181SC (Note 1)
M24B
24-Lead (0300 ) Molded Small Outline JEDEC
54F181FM (Note 2)
W24C
24-Lead Cerpack
54F181LM (Note 2)
E28A
24-Lead Ceramic Leadless Chip CarrierType C
Note 1
Devices also available in 13
reel Use suffix e SCX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Connection Diagrams
Pin Assignment
for DIP SOIC and Flatpak
TLF9491 – 1
Pin Assignment
for LCC
TLF9491 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54F181

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F182 NSC-54F182 Datasheet
164Kb / 8P
Carry Lookahead Generator
54F182DM NSC-54F182DM Datasheet
164Kb / 8P
Carry Lookahead Generator
54F182FM NSC-54F182FM Datasheet
164Kb / 8P
Carry Lookahead Generator
54F182LM NSC-54F182LM Datasheet
164Kb / 8P
Carry Lookahead Generator
54F189 NSC-54F189 Datasheet
166Kb / 8P
64-Bit Random Access Memory with TRI-STATEE Outputs
More results

Similar Description - 54F181

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
DM54LS181 NSC-DM54LS181 Datasheet
154Kb / 10P
4-Bit Arithmetic Logic Unit
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
4-BIT ARITHMETIC LOGIC UNIT
Jun-1989
logo
Fairchild Semiconductor
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
4-Bit Arithmetic Logic Unit
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
4-Bit Arithmetic Logic Unit
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
National Semiconductor ...
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
4-BIT ARITHMETIC LOGIC UNIT
logo
Motorola, Inc
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
4-BIT ARITHMETIC LOGIC UNIT
MC14581B MOTOROLA-MC14581B Datasheet
233Kb / 7P
4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com