Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2804QJ-T Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT2804QJ-T
Description  5V/3.4A Dual Cell Backup Battery Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804QJ-T Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT2804QJ-T Datasheet HTML 1Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 2Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 3Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 4Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 5Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 6Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 7Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 8Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Rev 2, Feb-04-2016
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2804
ORDERING INFORMATION
PART NUMBER
JUNCTION TEMPERATURE
PACKAGE
PINS
BATTERY CELL VOLTAGE
ACT2804QJ-T
-40˚C to 150˚C
QFN55-40
40
4.20V
ACT2804QJ-T0435
-40˚C to 150˚C
QFN55-40
40
4.35V
PIN CONFIGURATION
TOP VIEW
CSN2
CSN1
CSP
VOUT
VOUT
VIN
VIN
SCL
CBD
LED3
LED2
LED1
PB
AGND
VREG
TH
ICST
BATN
OVGATE
OVSENS
PGND
ACT2804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com