Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4523A Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4523A
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4523A Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4523A Datasheet HTML 1Page - Active-Semi, Inc ACT4523A Datasheet HTML 2Page - Active-Semi, Inc ACT4523A Datasheet HTML 3Page - Active-Semi, Inc ACT4523A Datasheet HTML 4Page - Active-Semi, Inc ACT4523A Datasheet HTML 5Page - Active-Semi, Inc ACT4523A Datasheet HTML 6Page - Active-Semi, Inc ACT4523A Datasheet HTML 7Page - Active-Semi, Inc ACT4523A Datasheet HTML 8Page - Active-Semi, Inc ACT4523A Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
FEATURES
• 40V Input Voltage Surge
• 36V Steady State Operation
• Up to 3.5A Output Current
• Output Voltage up to 12V
• 250kHz Switching Frequency
• 91% Efficiency (Vout = 5V@3.5A at Vin = 12V)
• Patented ActiveCC Sensorless Constant Current
Control
− Integrated Current Control Improves
Efficiency, Lowers Cost, and Reduces
Component Count
• Resistor Programmable
− Current Limit from 1.5A to 4.0A
− Patented Cable Compensation from 0 to
0.25Ω
• ±6.5% CC Accuracy
− Compensation of Input /Output Voltage Change
− Temperature Compensation
− Independent of inductance and Inductor DCR
• 2% Feedback Voltage Accuracy
• Advanced Feature Set
− Integrated Soft Start
− Thermal Shutdown
− Secondary Cycle-by-Cycle Current Limit
− Protection Against Shorted ISET Pin
• SOP-8EP Package
APPLICATIONS
• Car Charger/ Adaptor
• Rechargeable Portable Devices
• General-Purpose CC/CV Supply
GENERAL DESCRIPTION
ACT4523A is a wide input voltage, high efficiency
ActiveCC step-down DC/DC converter that operates
in either CV (Constant Output Voltage) mode or CC
(Constant Output Current) mode. ACT4523A
provides up to 3.5A output current at 250kHz
switching frequency.
Active CC is a patented control scheme to achieve
highest accuracy with sensorless constant current
control. ActiveCC eliminates the expensive, high
accuracy current sense resistor, making it ideal for
battery charging applications and adaptors with
accurate current limit. The ACT4523A achieves
higher efficiency than traditional constant current
switching regulators by eliminating its associated
power loss on the sensing resistor. ACT4523A
provides OVP pin for output over voltage protection.
Protection features include cycle-by-cycle current
limit, thermal shutdown, and frequency foldback at
short circuit. The devices are available in a SOP-
8EP package and require very few external devices
for operation.
ACT4523A
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Output Current (A)
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
CC/CV Curve
Rev 0, 25-Jul-13
VIN = 12V
VIN = 24V
VIN = 18V


Similar Part No. - ACT4523A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4523AYH-T ACTIVE-SEMI-ACT4523AYH-T Datasheet
400Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
More results

Similar Description - ACT4523A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_12 Datasheet
673Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_12 Datasheet
463Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
EA4533AYH ACTIVE-SEMI-EA4533AYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com