Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTY11-6 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # KTY11-6
Description  Silicon Temperature Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTY11-6 Datasheet(HTML) 3 Page - Infineon Technologies AG

  KTY11-6 Datasheet HTML 1Page - Infineon Technologies AG KTY11-6 Datasheet HTML 2Page - Infineon Technologies AG KTY11-6 Datasheet HTML 3Page - Infineon Technologies AG KTY11-6 Datasheet HTML 4Page - Infineon Technologies AG KTY11-6 Datasheet HTML 5Page - Infineon Technologies AG KTY11-6 Datasheet HTML 6Page - Infineon Technologies AG KTY11-6 Datasheet HTML 7Page - Infineon Technologies AG KTY11-6 Datasheet HTML 8Page - Infineon Technologies AG KTY11-6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
KT- and KTY-Series Temperature Sensors
Data Sheet
3
2000-07-01
Absolute Maximum Ratings
Parameter
Symbol
KT 1x0
KTY 1x-x
KT 2x0
KTY 2x-x
Unit
Maximum operating voltage
1)
T
A ≤ 25 °C, t ≤ 10 ms
V
opmax
25
V
Maximum operating current
I
opmax
57mA
Peak operating current
T
A ≤ 25 °C, t ≤ 10 ms
I
opp
710
mA
Operating temperature range
T
op
− 50 …+ 150
°C
Storage temperature range
T
stg
− 50 …+ 150
°C
1)
When the temperature sensor is operated with long supply leads, it should be protected through the parallel
connection of a > 10 nF capacitor to prevent damage to the sensor through induced voltage peaks.
Electrical Characteristics
I
op = 1 mA
Thermal Time Constant (
τ); (63% of ∆T)
τ
air (typ.)
τ
oil (typ.)
Unit
KT 100, KTY 10-x
40
4
s
KT 110, KT 210, KTY 11-x, KTY 21-x
11
1.5
KT 130, KT 230, KTY 13-x, KTY 23-x
7
1
KTY 16-6
40
4
KTY 19-6M/Z
40
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com