Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTY11-7 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # KTY11-7
Description  Silicon Temperature Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTY11-7 Datasheet(HTML) 2 Page - Infineon Technologies AG

  KTY11-7 Datasheet HTML 1Page - Infineon Technologies AG KTY11-7 Datasheet HTML 2Page - Infineon Technologies AG KTY11-7 Datasheet HTML 3Page - Infineon Technologies AG KTY11-7 Datasheet HTML 4Page - Infineon Technologies AG KTY11-7 Datasheet HTML 5Page - Infineon Technologies AG KTY11-7 Datasheet HTML 6Page - Infineon Technologies AG KTY11-7 Datasheet HTML 7Page - Infineon Technologies AG KTY11-7 Datasheet HTML 8Page - Infineon Technologies AG KTY11-7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
KT- and KTY-Series Temperature Sensors
Data Sheet
2
2000-07-01
Standard Packages
Type
Marking
Ordering Code
R
25 min
R
25 max
Package
(in
Ω with I
op = 1 mA)
KT 100
KT 110
KT 130
KT 210
KT 230
KT 100
T1
T1
N1
N1
Q62705-K331
Q62705-K332
Q62705-K333
Q62705-K334
Q62705-K335
1940
1940
1940
970
970
2060
2060
2060
1030
1030
TO-92
TO-92 Mini
SOT-23
1)
TO-92 Mini
SOT-23
1)
KTY 10-5
KTY 10-6
KTY 10-62
KTY 10-7
KTY 10-5
KTY 10-6
KTY 10-62
KTY 10-7
Q62705-K110
Q62705-K132
Q62705-K71
Q62705-K111
1950
1980
1990
2010
1990
2020
2010
2050
TO-92
TO-92
TO-92
TO-92
KTY 11-5
KTY 11-6
KTY 11-7
T5
T6
T7
Q62705-K245
Q62705-K246
Q62705-K247
1950
1980
2010
1990
2020
2050
TO-92 Mini
TO-92 Mini
TO-92 Mini
KTY 13-5
KTY 13-6
KTY 13-7
T5
T6
T7
Q62705-K249
Q62705-K250
Q62705-K251
1950
1980
2010
1990
2020
2050
SOT-23
1)
SOT-23
1)
SOT-23
1)
KTY 21-5
KTY 21-6
KTY 21-7
N5
N6
N7
Q62705-K258
Q62705-K259
Q62705-K260
975
990
1005
995
1010
1025
TO-92 Mini
TO-92 Mini
TO-92 Mini
KTY 23-5
KTY 23-6
KTY 23-7
N5
N6
N7
Q62705-K262
Q62705-K263
Q62705-K264
975
990
1005
995
1010
1025
SOT-23
1)
SOT-23
1)
SOT-23
1)
Custom Packages
Type
Marking
Ordering Code
R
25 min
R
25 max
Screw
Thread
(in
Ω with I
op = 1 mA)
KTY 16-6
KTY 19-6M
KTY 19-6Z
none
KTY 19M
KTY 19Z
Q62705-K128
Q62705-K271
Q62705-K272
1980
1980
1980
2020
2020
2020
–
ISO M10x1
NPTF 1/8x27
Connector set for KTY 19
Q62901-B80
1)
Electrical contact between Pin1 and Pin2 (refer to package outlines drawing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com