Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM Datasheet(PDF) 2 Page - XP Power Limited

Part # SDM
Description  Medical Approvals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDM Datasheet(HTML) 2 Page - XP Power Limited

  SDM Datasheet HTML 1Page - XP Power Limited SDM Datasheet HTML 2Page - XP Power Limited SDM Datasheet HTML 3Page - XP Power Limited SDM Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SDM300
Models and Ratings
Output
Voltage
Output Power
Output Current
Model Number(3,4,5,6)
Nominal
Peak(2)
12 V
300 W
25.00 A
50.00 A
SDM300PS12-F
15 V
300 W
20.00 A
40.00 A
SDM300PS15-F(6)
24 V
300 W
12.50 A
25.00 A
SDM300PS24-F
36 V
300 W
8.33 A
16.67 A
SDM300PS36-F(6)
48 V
300 W
6.25 A
12.50 A
SDM300PS48-F
V1: +5.00 V
V2: +12.0 V
240 W
24.00 A
13.3 A
28.80 A
16.00 A
SDM300PD0512-F
V1: +12.0 V
V2: +24.0 V
240 W
13.33 A
6.67 A
16.00 A
8.00 A
SDM300PD1224-F
Notes
Notes
1. Ripple & noise is measured using a 0.1 µF ceramic capacitor in parallel with
22 µF electrolytic and 20 MHz bandwidth
2. Peak load can be taken for 500 µs. Average power not to exceed max power.
3. Replace suffix ‘-F’ with suffix ‘-E’ for end fan cover with screw terminal option
e.g. SDM300PS24-E or suffix ‘K-E’ for end fan cover with IEC inlet option e.g.
SDM300PS24K-E
4. Add suffix ‘D’ for optional output terminal block on single output models
except the 12 V output models which are only available with output
terminal blocks eg. SDM300PS24D-F.(6)
5. Add suffix ‘G’ for optional input terminal blocks eg. SDM300PS24DG-F, except
for enclosed with end fan (option ‘-E’) which has input terminal blocks as
standard.(6)
6. Available for OEM quantities, contact Sales.
1. All dimensions are in inches (mm
2. Tolerance: ±0.012 (±0.3)
3. Weight: Enclosed with top fan (option ‘-F’): 1.32 lbs (600 g)
Enclosed with end fan (option ‘-E’ &’-K’): 1.43 lbs (650 g)
4. Mounting holes and mating half connectors common to all models.
Enclosed with top fan
Mechanical Details
CN1
3.20
(81.28)
0.20 (0.5)
2.23 (56.75)
5.00 (127.00)
0.75 (19.05)
A
A
4.50 (114.30)
0.25
(6.35)
0.25
(6.35)
Voltage Adj. internally
on daughter board
DCOK
RTN
FF
INH
CN3
CN2
CN2
SINGLE
DUAL
See Connector Notes
for mating parts
Input Connector
FG
N
L
VO-
VO+
RTN
V2
V1
Voltage Adj. internally
on daughter board
DCOK
RTN
FF
INH
CN3
CN2
CN2
SINGLE
DUAL
See Connector Notes
for mating parts
Input Connector
Terminal block
3 pins 0.25
(6.35) center
HD-602-3P
A
A
A
A
2.70 (68.58)
1.75 (44.52)
AA
6.50 (165.10)
0.33 (8.26)
0.33
(64.77)
4.50 (114.30)
3.20
(81.28)
1.60
(40.64)
0.25
(6.35)
VO-
VO+
RTN
V2
V1
A Mounting hole 6 places
M3 x 0.5
ax. screw penetration 0.15 (3.8)
Enclosed with end fan (Option ‘ E’)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com