Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEF Datasheet(PDF) 2 Page - XP Power Limited

Part # VEF
Description  Energy Efficiency Level V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEF Datasheet(HTML) 2 Page - XP Power Limited

  VEF Datasheet HTML 1Page - XP Power Limited VEF Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12-May-14
VEF65
Models and Ratings
Output Power
Output Voltage(5)
Output Current
OVP Setting(2)
Efficiency(3)
Model Number(4)
65 W
12.0 V
5.41 A
18.5 V
88%
VEF65US12
65 W
19.0 V
3.42 A
28.5 V
89%
VEF65US19
65 W
24.0 V
2.71 A
36.0 V
89%
VEF65US24
Mechanical Details
Notes
1. Measured at the output connector with a 0.1 µF ceramic capacitor and a 10 µF electrolytic capacitor.
2. Typical values.
3. Average of efficiencies measured at 25%, 50%, 75% and 100% load and 230 VAC input.
4. For optional IEC320-C6 input connector, add suffix ‘C6’ to end of the part number, e.g. VEF65US24C6. Contact sales for details.
5. Other voltages between 12 V and 30 V available on request, contact sales for details.
4.58
(116.3)
2.06
(52.4)
0.89
(22.7)
0.4
(10.0)
0.43
(11.0)
3.94
0.96 ± 0.08
(24.5 ± 2)
Cable length: 47.2” ± 0.8” (1200 mm ±20 mm)
(100)
IEC320-C14
1.23
(31.3)
0.89
(22.7)
Core Diameter: 0.63” ± 0.08” (16 mm ±2 mm)
Optional IEC320-C6
Notes
1. All dimensions are shown in inches (mm), Tolerance is 0.04” (±1.0) max except output lead.
2. Weight: 0.76 lbs (345 g) approx.
3. Output connector is barrel type with 11 mm length, 5.5 mm dia. outer, 2.5 mm dia. inner with center + and outer shell - polarity.
4. Optional output connectors available.
Power Cord for C14 inlet, Order Part:
UK -
UK-MAINS-IEC
European -
EU-MAINS-IEC
US -
US-MAINS-IEC
Power Cord for C6 inlet, Order Part:
UK -
UK-MAINS-5
European -
EU-MAINS-5
US -
US-MAINS-5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com