Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC08AD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC08AD
Description  Quadruple 2-Input Positive-AND Gates
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC08AD Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC08AD Datasheet HTML 1Page - Texas Instruments SN74LVC08AD Datasheet HTML 2Page - Texas Instruments SN74LVC08AD Datasheet HTML 3Page - Texas Instruments SN74LVC08AD Datasheet HTML 4Page - Texas Instruments SN74LVC08AD Datasheet HTML 5Page - Texas Instruments SN74LVC08AD Datasheet HTML 6Page - Texas Instruments SN74LVC08AD Datasheet HTML 7Page - Texas Instruments SN74LVC08AD Datasheet HTML 8Page - Texas Instruments SN74LVC08AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
SN54LVC08A, SN74LVC08A
www.ti.com
SCAS283S – JANUARY 1993 – REVISED AUGUST 2015
5 Device Options
PART NUMBER
PACKAGE
BODY SIZE
SNJ54LVC08AW
CFP (14)
9.21 mm × 5.97 mm
SNJ54LVC08AJ
CDIP (14)
19.56 mm × 6.92 mm
SNJ54LVC08AFK
LCCC (20)
8.89 mm × 8.89 mm
SN74LVC08ARGYR
VQFN (14)
3.50 mm × 3.50 mm
SN74LVC08APW
SN74LVC08APWT
TSSOP (14)
5.00 mm × 4.40 mm
SN74LVC08APWG3
SN74LVC08ANSR
SOP (14)
10.30 mm × 5.30 mm
SN74LVC08AD
SN74LVC08ADT
SOIC (14)
8.65 mm × 3.91 mm
SN74LVC08ADRG3
SN74LVC08ADBR
SSOP (14)
6.20 mm × 5.30 mm
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54LVC08A SN74LVC08A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com