Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC14APW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC14APW
Description  Hex Schmitt-Trigger Inverters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC14APW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC14APW Datasheet HTML 3Page - Texas Instruments SN74LVC14APW Datasheet HTML 4Page - Texas Instruments SN74LVC14APW Datasheet HTML 5Page - Texas Instruments SN74LVC14APW Datasheet HTML 6Page - Texas Instruments SN74LVC14APW Datasheet HTML 7Page - Texas Instruments SN74LVC14APW Datasheet HTML 8Page - Texas Instruments SN74LVC14APW Datasheet HTML 9Page - Texas Instruments SN74LVC14APW Datasheet HTML 10Page - Texas Instruments SN74LVC14APW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
SN54LVC14A, SN74LVC14A
www.ti.com
SCAS285AA – MARCH 1993 – REVISED JUNE 2015
Electrical Characteristics, SN54LVC14A (continued)
over operating free-air temperature range (unless otherwise noted)
SN54LVC14A
PARAMETER
TEST CONDITIONS
VCC
–55 TO 125°C
UNIT
MIN
TYP
MAX
2.7 V
0.3
1.1
Hysteresis
ΔVT
3 V
0.3
1.2
V
(VT+ – VT-)
3.6 V
0.3
1.2
VCC –
IOH = –100 μA
2.7 V to 3.6 V
0.2
2.7 V
2.2
VOH
V
VOL
II
2.4
ICC
3 V
2.2
IOL = 100 μA
2.7 V to 3.6 V
0.2
ΔICC
Ci
2.7 V
0.4
V
IOL = 24 mA
3 V
0.55
VI = 5.5 V or GND
3.6 V
±5
μA
VI = VCC or GND, IO = 0
3.6 V
10
μA
One input at VCC – 0.6 V,
2.7 V to 3.6 V
500
μA
Other inputs at VCC or GND
VI = VCC or GND
3.3 V
5(1)
pF
(1)
TA = 25°C
7.7 Electrical Characteristics, SN74LVC14A
over operating free-air temperature range (unless otherwise noted)
SN74LVC14A
TEST
PARAMETER
VCC
TA = 25°C
–40 TO 85°C
–40 TO 125°C
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.65 V
0.4
1.3
0.4
1.3
0.4
1.3
1.95 V
0.6
1.5
0.6
1.5
0.6
1.5
2.3 V
0.8
1.7
0.8
1.7
0.8
1.7
Positive-
VT+
going
2.5 V
0.8
1.7
0.8
1.7
0.8
1.7
V
threshold
2.7 V
0.8
2
0.8
2
0.8
2
3 V
0.9
2
0.9
2
0.9
2
3.6 V
1.1
2
1.1
2
1.1
2
1.65 V
0.15
0.85
0.15
0.85
0.15
0.85
1.95 V
0.25
0.95
0.25
0.95
0.25
0.95
2.3 V
0.4
1.2
0.4
1.2
0.4
1.2
Negative-
VT–
going
2.5 V
0.4
1.2
0.4
1.2
0.4
1.2
V
threshold
2.7 V
0.4
1.4
0.4
1.4
0.4
1.4
3 V
0.6
1.5
0.6
1.5
0.6
1.5
3.6 V
0.8
1.7
0.8
1.7
0.8
1.7
1.65 V
0.1
1.15
0.1
1.15
0.1
1.15
1.95 V
0.15
1.25
0.15
1.25
0.15
1.25
2.3 V
0.25
1.3
0.25
1.3
0.25
1.3
Hysteresis
ΔVT
2.5 V
0.25
1.3
0.25
1.3
0.25
1.3
V
(VT+ – VT-)
2.7 V
0.3
1.1
0.3
1.1
0.3
1.1
3 V
0.3
1.2
0.3
1.2
0.3
1.2
3.6 V
0.3
1.2
0.3
1.2
0.3
1.2
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54LVC14A SN74LVC14A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com