Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC00APWLE Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC00APWLE
Description  Quadruple 2-Input Positive-NAND Gates
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC00APWLE Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC00APWLE Datasheet HTML 6Page - Texas Instruments SN74LVC00APWLE Datasheet HTML 7Page - Texas Instruments SN74LVC00APWLE Datasheet HTML 8Page - Texas Instruments SN74LVC00APWLE Datasheet HTML 9Page - Texas Instruments SN74LVC00APWLE Datasheet HTML 10Page - Texas Instruments SN74LVC00APWLE Datasheet HTML 11Page - Texas Instruments SN74LVC00APWLE Datasheet HTML 12Page - Texas Instruments SN74LVC00APWLE Datasheet HTML 13Page - Texas Instruments SN74LVC00APWLE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
1.65-V to 3.6-V VCC
1A
1B
4A
4B
1Y
4Y
10
SN54LVC00A, SN74LVC00A
SCAS279R – JANUARY 1993 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: SN54LVC00A SN74LVC00A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
SN74LVC00A is a high-drive CMOS device that can be used for a multitude of buffer-type functions. It can
produce 24 mA of drive current at 3.3 V. Therefore, this device is ideal for driving multiple inputs and for high-
speed applications up to 100 MHz. The inputs and outputs are 5.5-V tolerant allowing the device to translate up
to 5.5 V or down to VCC.
10.2 Typical Application
Figure 3. Typical NAND Gate Application and Supply Voltage
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads; therefore, routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
Rise time and fall time specs: See (
Δt/ΔV) in the Recommended Operating Conditions, SN74LVC00A
table.
–
Specified high and low levels: See (VIH and VIL) in the Recommended Operating Conditions,
SN74LVC00A table.
–
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions
–
Load currents should not exceed 25 mA per output and 50 mA total for the part.
–
Outputs should not be pulled above 5.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com