Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC14APWT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC14APWT
Description  Hex Schmitt-Trigger Inverters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC14APWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC14APWT Datasheet HTML 4Page - Texas Instruments SN74LVC14APWT Datasheet HTML 5Page - Texas Instruments SN74LVC14APWT Datasheet HTML 6Page - Texas Instruments SN74LVC14APWT Datasheet HTML 7Page - Texas Instruments SN74LVC14APWT Datasheet HTML 8Page - Texas Instruments SN74LVC14APWT Datasheet HTML 9Page - Texas Instruments SN74LVC14APWT Datasheet HTML 10Page - Texas Instruments SN74LVC14APWT Datasheet HTML 11Page - Texas Instruments SN74LVC14APWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
SN54LVC14A, SN74LVC14A
SCAS285AA – MARCH 1993 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics, SN74LVC14A (continued)
over operating free-air temperature range (unless otherwise noted)
SN74LVC14A
TEST
PARAMETER
VCC
TA = 25°C
–40 TO 85°C
–40 TO 125°C
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.65 V to
VCC –
IOH = –100 μA
VCC – 0.2
VCC – 0.3
3.6 V
0.2
IOH = –4 mA
1.65 V
1.29
1.2
1.05
IOH = –8 mA
2.3 V
1.9
1.7
1.65
VOH
V
2.7 V
2.2
2.2
2.05
IOH = –12 mA
3 V
2.4
2.4
2.25
IOH = –24 mA
3 V
2.3
2.2
2
1.65 V to
IOL = 100 μA
0.1
0.2
0.3
3.6 V
IOL = 4 mA
1.65 V
0.24
0.45
0.6
VOL
V
IOL = 8 mA
2.3 V
0.3
0.7
0.75
IOL = 12 mA
2.7 V
0.4
0.4
0.6
IOL = 24 mA
3 V
0.55
0.55
0.8
VI = 5.5 V or
II
3.6 V
±1
±5
±20
μA
GND
VI = VCC or
ICC
3.6 V
1
10
40
μA
GND, IO = 0
One input at
VCC – 0.6 V,
2.7 V to
ΔICC
500
500
5000
μA
Other inputs at
3.6 V
VCC or GND
VI = VCC or
Ci
3.3 V
5
pF
GND
7.8 Switching Characteristics, SN54LVC14A
over operating free-air temperature range (unless otherwise noted) (see Figure 2)
SN54LVC14A
FROM
TO
PARAMETER
VCC
–55 TO 125°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
2.7 V
7.5
tpd
A
Y
ns
3.3 V ± 0.3 V
1
6.4
7.9 Switching Characteristics, SN74LVC14A
over operating free-air temperature range (unless otherwise noted) (see Figure 2)
SN74LVC14A
FROM
TO
PARAMETER
VCC
TA = 25°C
–40 TO 85°C
–40 TO 125°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.8 V ± 0.15 V
1
5
10.5
1
11
1
13
2.5 V ± 0.2 V
1
3.4
7.3
1
7.8
1
10
tpd
A
Y
ns
2.7 V
1
3.6
7.3
1
7.5
1
9.5
3.3 V ± 0.3 V
1
3.2
6.2
1
6.4
1
8
tsk(o)
3.3 V ± 0.3 V
1
1
1.5
ns
8
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: SN54LVC14A SN74LVC14A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com