Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T835T-8T Datasheet(PDF) 5 Page - STMicroelectronics

Part # T835T-8T
Description  High static and dynamic commutation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835T-8T Datasheet(HTML) 5 Page - STMicroelectronics

  T835T-8T Datasheet HTML 1Page - STMicroelectronics T835T-8T Datasheet HTML 2Page - STMicroelectronics T835T-8T Datasheet HTML 3Page - STMicroelectronics T835T-8T Datasheet HTML 4Page - STMicroelectronics T835T-8T Datasheet HTML 5Page - STMicroelectronics T835T-8T Datasheet HTML 6Page - STMicroelectronics T835T-8T Datasheet HTML 7Page - STMicroelectronics T835T-8T Datasheet HTML 8Page - STMicroelectronics T835T-8T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID024555 Rev 3
5/9
T835T-8T
Characteristics
Figure 13. Relative variation of leakage current versus junction temperature for different values of
blocking voltage (typical values)
Figure 11. Relative variation of critical rate of
decrease of main current (di/dt)c versus
reapplied (dV/dt)c (typical values)
Figure 12. Relative variation of critical rate of
decrease of main current (di/dt)c versus
junction temperature (typical values)
(dI/dt)c [(dV/dt)] / Specified (dI/dt)c
0
1
2
3
4
5
0.1
1.0
10.0
100.0
Tj =150 °C
(dV/dt)c (V/µs)
(dl / dt)c [T ] / (dl / dt)c [T = 150 °C]
jj
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
T (°C)
j
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
150
V
DRM=VRRM=800 V
V
DRM=VRRM=600 V
V
DRM=VRRM=400 V
T (°C)
j
I
, I
@ [T ]; V
, V
] / I
, I
T
DRM RRM
j
DRM
RRM
DRM RRM @ [ jmax]*
[Tjmax = 125 °C; 800 V]
[Tjmax = 150 °C; 600 V]
*IDRM, IRRM @:



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com