Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD351IDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TD351IDT
Description  Advanced IGBT/MOSFET driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD351IDT Datasheet(HTML) 4 Page - STMicroelectronics

  TD351IDT Datasheet HTML 1Page - STMicroelectronics TD351IDT Datasheet HTML 2Page - STMicroelectronics TD351IDT Datasheet HTML 3Page - STMicroelectronics TD351IDT Datasheet HTML 4Page - STMicroelectronics TD351IDT Datasheet HTML 5Page - STMicroelectronics TD351IDT Datasheet HTML 6Page - STMicroelectronics TD351IDT Datasheet HTML 7Page - STMicroelectronics TD351IDT Datasheet HTML 8Page - STMicroelectronics TD351IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin connections
TD351
4/19
Doc ID 10977 Rev 2
2
Pin connections
Figure 2.
Pin connections (top view)
Table 2.
Pin description
Pin n°
Name
Type
Function
1
IN
Analog input
Input
2
VREF
Analog output
+5 V reference voltage
3
CD
Timing capacitor
Turn on/off delay
4
LVOFF
Analog input
Turn off level
5
CLAMP
Analog output
Miller clamp
6
VL
Power supply
Signal ground
7
OUT
Analog output
Gate drive output
8
VH
Power supply
Positive supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com