Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7851F Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7851F
Description  4 48 W MOSFET quad bridge power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7851F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7851F Datasheet HTML 4Page - STMicroelectronics TDA7851F Datasheet HTML 5Page - STMicroelectronics TDA7851F Datasheet HTML 6Page - STMicroelectronics TDA7851F Datasheet HTML 7Page - STMicroelectronics TDA7851F Datasheet HTML 8Page - STMicroelectronics TDA7851F Datasheet HTML 9Page - STMicroelectronics TDA7851F Datasheet HTML 10Page - STMicroelectronics TDA7851F Datasheet HTML 11Page - STMicroelectronics TDA7851F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical specifications
TDA7851F
8/18
DocID17714 Rev 4
THD
Distortion
Po = 4 W
-
0.01
0.05
%
eNo
Output noise
"A" Weighted
Bw = 20 Hz to 20 kHz
-
35
50
100
μV
μV
SVR
Supply voltage rejection
f = 100 Hz; Vr = 1 Vrms
50
70
-
dB
fch
High cut-off frequency
PO = 0.5W
100
300
-
kHz
Ri
Input Impedance
-
70
100
130
kΩ
CT
Cross talk
f = 1 kHz PO = 4 W
f = 10 kHz PO = 4 W
60
70
60
-
-
dB
dB
ISB
Standby current consumption
VSt-By = 1.2 V
-
-
20
μA
VSt-By = 0
-
-
10
μA
Ipin5
Standby pin current
VSt-By = 1.2 V to 2.6 V
-
-
±1
μA
VSB out
Standby out threshold voltage
(Amp: ON)
2.6
-
V
VSB in
Standby in threshold voltage
(Amp: OFF)
-
-
1.2
V
AM
Mute attenuation
POref = 4 W
80
90
dB
VM out
Mute out threshold voltage
(Amp: Play)
2.6
-
V
VM in
Mute in threshold voltage
(Amp: Mute)
-
-
1.2
V
VAM in
VS automute threshold
(Amp: Mute)
Att. 80 dB; POref = 4 W
(Amp: Play)
Att. < 0.1 dB; PO = 0.5 W
6.7
7
7.5
8
V
V
Ipin23
Muting pin current
VMUTE = 1.2 V
(Sourced current)
712
18
μA
VMUTE = 2.6 V
-5
-
18
μA
Offset detector
VOFF
Detected diff. output offset
VST-BY = 5 V
±1
±2
±3
V
VOFF_SAT Off detector sat voltage
Vo > ±3 V, Ioff Det = 1 mA
0 V < Voff Det < 18 V
-
0.2
0.4
V
VOFF_LK Off detector leakage current
Vo < ±1 V
-
0
15
μA
1. Saturated square wave output
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com