Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN2015H-6FP Datasheet(PDF) 2 Page - STMicroelectronics

Part # TN2015H-6FP
Description  High temperature 20 A SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN2015H-6FP Datasheet(HTML) 2 Page - STMicroelectronics

  TN2015H-6FP Datasheet HTML 1Page - STMicroelectronics TN2015H-6FP Datasheet HTML 2Page - STMicroelectronics TN2015H-6FP Datasheet HTML 3Page - STMicroelectronics TN2015H-6FP Datasheet HTML 4Page - STMicroelectronics TN2015H-6FP Datasheet HTML 5Page - STMicroelectronics TN2015H-6FP Datasheet HTML 6Page - STMicroelectronics TN2015H-6FP Datasheet HTML 7Page - STMicroelectronics TN2015H-6FP Datasheet HTML 8Page - STMicroelectronics TN2015H-6FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
TN2015H-6FP
2/9
DocID027549 Rev 1
1
Characteristics
Table 2. Absolute ratings
Symbol
Parameter
Value
Unit
IT(RMS) On-state rms current (180° conduction angle)
Tc = 80 °C
20
A
IT(AV)
Average on-state current (180° conduction angle)
Tc = 80 °C
12.7
A
Tc = 99 °C
10
Tc = 112 °C
8
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25 °C)
t = 8.3 ms
197
A
t = 10 ms
180
I²tI²t value for fusing (Tj initial = 25 °C)
tp = 10 ms
162
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT, tr ≤ 100 ns, Tj = 25 °C
F = 60 Hz
100
A/µs
VDRM,
VRRM
Repetitive peak off-state voltage
600
V
IGM
Peak gate current
tp = 20 µs
Tj = 150 °C
4
A
PG(AV) Average gate power dissipation
Tj = 150 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Vins
Insulation rms voltage, 1 minute
TO-220FPAB
2000
V
Table 3. Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Value
Unit
IGT
VD = 12 V, RL = 33 Ω
Typ.
6
mA
Max.
15
VGT
VD = 12 V, RL = 33 Ω
Max.
1.3
V
VGD
VD = VDRM, RL = 3.3 kΩ
Tj = 150 °C
Min.
0.2
V
IH
IT = 500 mA, gate open
Max.
50
mA
IL
IG = 1.2 x IGT
Max.
60
mA
dV/dt
VD = 402 V, gate open
Tj = 150 °C
Min.
750
V/µs
tgt
IT = 40 A, VD = 600 V, IG = 100 mA,
(dIG/dt)max = 0.2 A/µs
Typ
1.9
µs
tq
VD = 402 V, VR = 25 V, IT = 20 A,
(dIG/dt)max = 30 A/µs, dVD/dt = 50 V/µs
Tj = 150 °C
Typ
70
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com