Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VD5377CB Datasheet(PDF) 42 Page - STMicroelectronics

Part # VD5377CB
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button VD5377CB Datasheet HTML 38Page - STMicroelectronics VD5377CB Datasheet HTML 39Page - STMicroelectronics VD5377CB Datasheet HTML 40Page - STMicroelectronics VD5377CB Datasheet HTML 41Page - STMicroelectronics VD5377CB Datasheet HTML 42Page - STMicroelectronics VD5377CB Datasheet HTML 43Page - STMicroelectronics VD5377CB Datasheet HTML 44Page - STMicroelectronics VD5377CB Datasheet HTML 45Page - STMicroelectronics VD5377CB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
Additional features
VD5377
42/88
Doc ID 022952 Rev 2
7.3
BACKLED[2:0]
Three pads are provided to optionally drive up to three backlight LEDs. Each pad is a 4 mA
(current limited), digital I/O with open-drain capability which can drive up to three LEDs
independently or can be combined to drive a single LED up to 12 mA (see Figure 18.). Each
output can be controlled by an independent PWM controller to provide a versatile dimming
function. When combined, all three pads are driven by PWM0. The PWM signals are
automatically gated during pixel integration to ensure there is no light pollution of the
tracking function. BACKLED control registers are shown in Table 26. These pads can also
be used as GPIO.
Note:
The BACKLED[2:0] pads are tri-state by default and should be connected to ground if not
used.
37
ADAPTCPI_RANGES
adaptcpi_log_
motion_range
2:0
PRW
05
Log value of motion range from
which the CPI is adaptive (that is
max motion = min +
2^adaptcpi_log_motion_range)
0 = motion range = 1
1 = motion range = 2
2 = motion range = 4
3 = motion range = 8
4 = motion range = 16
5 = motion range = 32
6 = motion range = 64
7 = motion range = 128
adaptcpi_log_
scaling_range
6:4
PRW
04
Log value of motion scaling range
from which the CPI is adaptive
(that is max scaling = min +
2^adaptcpi_log_scaling_range)
0 = scaling range = 1
1 = scaling range = 2
2 = scaling range = 4
3 = scaling range = 8
4 = scaling range = 16
5 = scaling range = 32
6 = scaling range = 64
7 = scaling range = 128
Table 25. Adaptive CPI (continued)
Addr
(Hex)
Register name
Signal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com