Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VD5377CBUW Datasheet(PDF) 52 Page - STMicroelectronics

Part # VD5377CBUW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBUW Datasheet(HTML) 52 Page - STMicroelectronics

Back Button VD5377CBUW Datasheet HTML 48Page - STMicroelectronics VD5377CBUW Datasheet HTML 49Page - STMicroelectronics VD5377CBUW Datasheet HTML 50Page - STMicroelectronics VD5377CBUW Datasheet HTML 51Page - STMicroelectronics VD5377CBUW Datasheet HTML 52Page - STMicroelectronics VD5377CBUW Datasheet HTML 53Page - STMicroelectronics VD5377CBUW Datasheet HTML 54Page - STMicroelectronics VD5377CBUW Datasheet HTML 55Page - STMicroelectronics VD5377CBUW Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
Basic start-up information
VD5377
52/88
Doc ID 022952 Rev 2
Figure 22. Automatic mode to low power standby mode
Sensor in auto power mode with
“use standby pin” set.
Standby pin high - I2C unavailable
Set standby pin low
(I2C enabled)
Read register 0x05
Change bit 3 to 0 (host_config_done)
Write new value to register 0x05
Read register 0x05 until sensor goes
into software standby
that is, register 0x05[7:5] = 0x01
Write manual mode (bit[0] = 0) and
host_config_done (bit[3] = 1) to
register 0x05
Set standby pin high
Standby
Set standby pin low
Read register 0x05
Change bit 3 to 0 (host_config_done)
Write new value to register 0x05
Read register 0x05 until sensor goes
into software standby
that is, register 0x05[7:5] = 0x01
Write manual mode (bit[0] = 0) and
host_config_done (bit[3] = 1) to
register 0x05
Set standby pin high
Sensor could be in any of the
auto run/sleep modes
Set sensor in software standby mode
Wait until sensor goes into software
standby mode
Set sensor in manual run mode
Manual standby mode
(typical current = 15 uA)
Set sensor in software standby mode
Wait until sensor goes into software
standby mode
Set sensor in manual run mode
I2C disabled
Sensor in manual run mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com