| Electronic Components Datasheet Search |
|
TSX564AIPT Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSX564AIPT Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 28 page ![]() Ordering information TSX56x, TSX56xA 26/28 DocID023274 Rev 4 6 Ordering information Table 13. Order codes Order code Temperature range Channel number Package Packaging Marking TSX561ILT -40 to 125 °C 1SOT23-5 Tape and reel K23 TSX562IQ2T 2 DFN8 2 x 2 TSX562IST MiniSO8 TSX562IDT SO8 TSX562I TSX564IQ4T 4 QFN16 3 x 3 K23 TSX564IPT TSSOP14 TSX564I TSX561IYLT(1) -40 to 125 °C automotive grade 1SOT23-5 K116 TSX562IYST(1) 2 MiniSO8 TSX562IYDT(2) SO8 TSX562Y TSX564IYPT(1) 4 TSSOP14 TSX564IY TSX561AILT -40 to 125 °C 1SOT23-5 K117 TSX562AIST 2 MiniSO8 TSX562AIDT SO8 TSX562AI TSX564AIPT 4 TSSOP14 TSX564AI TSX561AIYLT(1) -40 to 125 °C automotive grade 1SOT23-5 K118 TSX562AIYST(1) 2 MiniSO8 TSX562AIYDT(2) SO8 TSX562AY TSX564AIYPT(1) 4 TSSOP14 TSX564AIY 1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 and Q 002 or equivalent. 2. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 and Q 002 or equivalent are ongoing. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |