Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSX564AIYPT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSX564AIYPT
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX564AIYPT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSX564AIYPT Datasheet HTML 7Page - STMicroelectronics TSX564AIYPT Datasheet HTML 8Page - STMicroelectronics TSX564AIYPT Datasheet HTML 9Page - STMicroelectronics TSX564AIYPT Datasheet HTML 10Page - STMicroelectronics TSX564AIYPT Datasheet HTML 11Page - STMicroelectronics TSX564AIYPT Datasheet HTML 12Page - STMicroelectronics TSX564AIYPT Datasheet HTML 13Page - STMicroelectronics TSX564AIYPT Datasheet HTML 14Page - STMicroelectronics TSX564AIYPT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
DocID023274 Rev 4
11/28
TSX56x, TSX56xA
Electrical characteristics
28
Figure 6. Input offset voltage vs. temperature at VCC = 16 V
Figure 2. Supply current vs. supply voltage at
Vicm = VCC/2
Figure 3. Input offset voltage distribution
at VCC = 16 V and Vicm = 8 V
Figure 4. Input offset voltage temperature
coefficient distribution at VCC = 16 V, Vicm = 8 V
Figure 5. Input offset voltage vs. input common
mode voltage at VCC = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com