Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G19DRLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G19DRLR
Description  1-of-2 Decoder and Demultiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G19DRLR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G19DRLR Datasheet HTML 1Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 2Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 3Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 4Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 5Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 6Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 7Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 8Page - Texas Instruments SN74LVC1G19DRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Y
0
Y
1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
SN74LVC1G19
SCES464G – JUNE 2003 – REVISED AUGUST 2015
SN74LVC1G19 1-of-2 Decoder and Demultiplexer
1 Features
2 Applications
1
•
Available in the Texas Instruments
•
AV Receivers
NanoFree™ Package
•
Audio Docks: Portable
•
Supports 5-V VCC Operation
•
Blu-ray® Players and Home Theater
•
Inputs Accept Voltages to 5.5 V
•
MP3 Players/Recorders
•
Supports Down Translation to VCC
•
Personal Digital Assistants (PDAs)
•
Maximum tpd of 4 ns at 3.3 V
•
Power: Telecom/Server AC/DC Supply: Single
•
Low Power Consumption, 10-µA Maximum ICC
Controller: Analog and Digital
•
±24-mA Output Drive at 3.3 V
•
Solid State Drives (SSDs): Client and Enterprise
•
VOLP (Output Ground Bounce)
•
TVs: LCD/Digital and High-Definition (HDTVs)
<0.8 V Typical at VCC = 3.3 V, TA = 25°C
•
Tablets: Enterprise
•
VOHV (Output VOH Undershoot)
•
Video Analytics: Server
>2 V Typical at VCC = 3.3 V, TA = 25°C
•
Wireless Headsets, Keyboards, and Mice
•
Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
3 Description
•
Latch-Up Performance Exceeds 100 mA Per
This decoder/demultiplexer is designed for 1.65-V to
JESD 78, Class II
5.5-V VCC operation.
•
ESD Protection Exceeds JESD 22
The SN74LVC1G19 device is a 1-of-2 decoder /
demultiplexer. When E input is high, the decoder will
–
2000-V Human Body Model (A114-A)
be disabled and both outputs will be high. When E
–
200-V Machine Model (A115-A)
input is low, the A input selects which output will be
–
1000-V Charged-Device Model (C101)
low.
This device is fully specified for partial-power-down
applications using Ioff.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC1G19DBV
SOT-23 (6)
2.9 mm × 1.6 mm
SN74LVC1G19DCK
SC70 (6)
2.0 mm × 1.25 mm
SN74LVC1G19DRL
SOT (6)
1.6 mm × 1.2 mm
SN74LVC1G19DRY
SON (6)
1.45 mm × 1.0 mm
SN74LVC1G19YZP
DSBGA (6)
1.41 mm × 0.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC1G19DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G19DRLR TI-SN74LVC1G19DRLR Datasheet
855Kb / 19P
1-OF-2 DECODER/DEMULTIPLEXER
SN74LVC1G19DRLRG4 TI-SN74LVC1G19DRLRG4 Datasheet
855Kb / 19P
1-OF-2 DECODER/DEMULTIPLEXER
More results

Similar Description - SN74LVC1G19DRLR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
1-of-2 decoder/demultiplexer
2004 Oct 18
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
1-OF-2 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
NXP Semiconductors
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19 Datasheet
161Kb / 5P
1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
1-of-2 decoder/demultiplexer
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com