Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLB2800 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PLB2800
Description  Configurable Ethernet Switch-on-a-Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PLB2800 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PLB2800 Datasheet HTML 1Page - Infineon Technologies AG PLB2800 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Never
stop
thinking.
P RODUCT B RIEF
Purple
48FE+2GbE/8GbE L2+
Configurable Ethernet
Switch-on-a-Chip
PLB 2800
Infineon's Purple (PLB 2800) is a highly integrated
and configurable Layer 2+ SoC (Switch-on-a-Chip).
It extends Infineon's Layer 2 Ethernet switch family
of products for higher integration, and more
advanced traffic management. The Purple’s versa-
tile configuration and stacking options permit a
variety of system topologies designed to increase
the deployment of Ethernet access applications.
The Purple features a large on-chip packet buffer
and address tables. With the addition of an on-chip
64-bit MIPS CPU, the need for an external memory
and controller is eliminated.
Advanced security and Quality of Service (QoS)
features are guaranteed using extensive VLAN
management capabilities and port-based security
for guarded and secure handling of traffic flows.
The Purple supports seven different configura-
tions, ranging from eight GbE ports up to
48FE + 2GbE.
Applications
■
Ethernet access switch for
IP-DSLAM/DLC/MDU/MTU
■
High port count workgroup switch
■
GbE aggregator Ethernet Switch
■
Cellular base stations
■
Packet over SONET/SDH
systems
Features
■
21 Gbit/s 12 million packets/
second switching engine for solid
L2+ wirespeed switching
performance
■
Embedded 64-bit MIPS 5Kc CPU
■
On-chip DRAM, SRAM
■
Stackable with up to 16 Purple
switches with complete stack
management
■
Four Class of Service (CoS)
queues per port
■
Strict priority and Weighted-Fair-
Queuing (WFQ) packet
scheduling
■
Advanced buffer control
■
Broadcast and multicast storm
control
■
Multicast support for up to
256 multicast groups
■
Port based flow control
■
Per-flow token bucket policing
■
Per-queue rate shaping
■
Port, tag and flow-based VLANs
■
Stacked VLAN support
■
Port-based security
■
Intrusion detection
■
eCPU switch management with
Bus mastering capabilities, flow-
based accounting and RMON
support
■
Hardware assistance for protocols
such as STP, GVRP and IGMP
and Snooping
Interfaces
■
SMII V1.2/V2.1 for FE ports
■
(R)GMII/TBI/MII for GE ports
■
32-Bit, 66 MHz PCI or generic
host bus with DMA support
■
I
2C Interface for configuration
EEPROM, optional low-cost CPU
■
PC-133 SDRAM interface for
external CPU DRAM
■
EJTAG Interface for testing
■
General purpose timer and I/Os
Standards Supported
■
Supports a wide variety of IEEE
802.xx protocols
■
IETF RFCs 1155–1157 SNMP
■
IETF RFCs 1213, 1643, 1493
■
IETF RFC 1757 RMON
Physical Characteristics
■
P-BGA-388-2 package
■
Core logic operates at 1.8 V


Similar Part No. - PLB2800

ManufacturerPart #DatasheetDescription
logo
Positronic.
PLB2000A1 POSITRONIC-PLB2000A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLB20300A1 POSITRONIC-PLB20300A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLB203200A1 POSITRONIC-PLB203200A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
logo
PANDUIT CORP.
PLB2S PANDUIT-PLB2S Datasheet
247Kb / 1P
BOW-TY CABLE TIES PLB SERIES
4/6/87
PLB2S-C PANDUIT-PLB2S-C Datasheet
89Kb / 1P
Double Loop Cable Ties
More results

Similar Description - PLB2800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD835G2 STMICROELECTRONICS-PSD835G2 Datasheet
570Kb / 110P
Configurable Memory System on a Chip for 8-Bit Microcontrollers
31-Jan-2002
PSD935G2 STMICROELECTRONICS-PSD935G2 Datasheet
488Kb / 91P
Configurable Memory System on a Chip for 8-Bit Microcontrollers
31-Jan-2002
logo
ATMEL Corporation
AT76C511 ATMEL-AT76C511 Datasheet
58Kb / 3P
Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B)
logo
List of Unclassifed Man...
VSC7303 ETC-VSC7303 Datasheet
467Kb / 2P
Stapleford??- 24-port Gigabit Ethernet Switch-on-a-Chip
logo
ATMEL Corporation
AT76C511 ATMEL-AT76C511 Datasheet
58Kb / 3P
Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
logo
Infineon Technologies A...
PLF2224 INFINEON-PLF2224 Datasheet
499Kb / 2P
24 2G Switch on a Chip with Embedded Memory
logo
List of Unclassifed Man...
TA7S04 ETC1-TA7S04 Datasheet
1Mb / 198P
Triscend A7S Configurable System-on-Chip Platform
logo
Vitesse Semiconductor C...
VSC7384 VITESSE-VSC7384 Datasheet
456Kb / 2P
12-port Gigabit Ethernet Switch-on-a-Chip
logo
ATMEL Corporation
AT76C510 ATMEL-AT76C510 Datasheet
45Kb / 3P
Ethernet to Wireless Bridge-on-a-Chip
logo
Freescale Semiconductor...
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
Configurable Octal Serial Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com